Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500-DC-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # PWR-500-DC-R
Description  7050QX Series 10/40G Data Center Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500-DC-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  PWR-500-DC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7050QX Series | Features
Layer 2 Features
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• Rapid Per VLAN Spanning Tree (RPVST+)
• 4096 VLANs
• Q-in-Q
• 802.3ad Link Aggregation/LACP
• 64 ports/channel
• 104 groups per system
• Multi-Chassis Link Aggregation (MLAG)
• 64 ports per MLAG
• Custom LAG Hashing
• 802.1AB Link Layer Discovery Protocol
• 802.3x Flow Control
• Jumbo Frames (9216 Bytes)
• IGMP v1/v2/v3 snooping
• Storm Control
• RAIL
Layer 3 Features
• Routing Protocols: OSPF, OSPFv3, BGP, MP-BGP, IS-IS, and RIPv2
• 64-way Equal Cost Multipath Routing (ECMP) 2
• Resilient ECMP Routes
• VRF
• BFD
• Route Maps
• IGMP v2/v3
• PIM-SM / PIM-SSM / PIM-BIDIR
• Anycast RP (RFC 4610)
• VRRP
• Virtual ARP (VARP)
• Policy Based Routing
• uRPF
• Selective Route Download
Advanced Monitoring and Provisioning
• Zero Touch Provisioning (ZTP)
• Latency Analyzer and Microburst Detection (LANZ)
• Con gurable Congestion Noti cation (CLI, Syslog)
• Streaming Events (GPB Encoded) *
• Capture/Mirror of congested tra c *
• Advanced Monitoring
• Port Mirroring (4 active sessions)
• L2/3/4 Filtering on Mirror Sessions
• Mirror to EOS/SSD
• Advanced Event Management suite (AEM)
• CLI Scheduler
• Event Manager
• Event Monitor
• Linux tools
• Optional SSD for logging and data capture
• Integrated packet capture/analysis with TCPDump
• RFC 3176 sFlow
• Restore & con gure from USB
• Blue Beacon LED for system identi cation
• Software De ned Networking (SDN)
• Open ow 1.0 1
• Open ow 1.3 1
• Arista DirectFlow
• eAPI
• OpenStack Neutron Support
• IEEE 1588 PTP (Transparent Clock and Boundary Clock)
Virtualization Support
• VXLAN Routing and Bridging
• VM Tracer VMware Integration
• VMware vSphere support
• VM Auto Discovery
• VM Adaptive Segmentation
• VM Host View
Security Features
• IPv4 / IPv6 Ingress & Egress ACLs using L2, L3, L4 elds
• MAC ACLs
• ACL Drop Logging and ACL Counters
• Control Plane Protection (CPP)
• PDP
• Service ACLs
• DHCP Relay / Snooping
• MAC Security
• TACACS+
• RADIUS
Quality of Service (QoS) Features
• Up to 8 queues per port
• 802.1p based classi cation
• DSCP based classi cation and remarking
• Explicit Congestion Noti cation (ECN)
• QoS interface trust (COS / DSCP)
• Strict priority queueing
• Weighted Round Robin (WRR) Scheduling
• Per-Priority Flow Control (PFC)
• Data Center Bridging Extensions (DCBX)
• 802.1Qaz Enhanced Transmissions Selection (ETS) *
• ACL based DSCP Marking
• ACL based Policing
• Policing/Shaping
• Rate limiting
• Audio Video Bridging (AVB) *
* Not currently supported in EOS
Note 1 Not supported on 7050QX2-32S
Note 2 Up to 128-way ECMP on 7050QX2-32S
Note 3 Not currently supported on 7050QX2-32S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com