Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7050SPX4-48D8-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DCS-7050SPX4-48D8-R
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050SPX4-48D8-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  DCS-7050SPX4-48D8-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Overview
The Arista 7050X4 series is the fourth generation of the Arista 7050X family and a key
component of the Arista 400G portfolio of data center switches.
As enterprises continue to optimize data center facilities for modern cloud-native
applications, collaboration tools, containerized services and emerging AI/ML
technologies, the requirement for high capacity, low latency networking is driving a
attening of data center architectures and high bandwidth interconnectivity
between facilities and the public cloud.
400G Ethernet is a key enabler in realizing modern high performance infrastructure,
o ering the ability to not only carry large volumes of data, but also to signi cantly
increase the radix of 100Gbps networks and to support emerging 50/100/200Gbps
server and storage connectivity driven by the adoption of PCIe® Gen4.
The Arista 7050X4 Series high performance exible data center switches provide
support for a wide range of interface speeds, a broad set of wire speed, low latency
L2 and L3 Enterprise features including EVPN/VXLAN and extensive automation and
programmability with Arista’s EOS for industry leading software driven cloud
networking.
All models of the 7050X4 Series o er exible forwarding tables, latency from as low
as 900 ns and a shared packet bu er of up to 132 MB for superior burst absorption.
Comprehensive support for a wide range of interface speeds including 10G, 25G,
40G, 50G, 100G, 200G and 400G combined with Arista EOS ensures the 7050X4
delivers the exibility for enterprises deploying emerging applications, scaling up
existing facilities or consolidating multi-tiered networks into e cient leaf-spine
topologies.
7050X4 Series 100/200/400G Data Center Switches
Data Sheet
Product Highlights
Performance
• 7050DX4-32S: 32 QSFP-DD 400G & 2SFP+
• 7050PX4-32S: 32 OSFP 400G & 2SFP+
• 7050DX4M-32S: 32 QSFP-DD 400G
(MACsec) & 2SFP+
• 7050SDX4-48D8: 48 SFP-DD 100G & 8
QSFP-DD 400G
• 7050SPX4-48D8: 48 DSFP 100G & 8 QSFP-
DD 400G
• 7050CX4-24D8: 24 QSFP56 200G & 8 QSFP-
DD 400G & 2SFP+
• 7050CX4M-48D8: 48 QSFP28 & 8 QSFP-DD
400G & 2SFP+
• Up to 12.8 terabits per second
• Up to 5.3 billion packets per second
• Wire speed L2 and L3 forwarding
• Latency from 900 ns
Data Center Optimized Design
• Up to 32 x 400G with under 10W/port
• Over 94% e cient power supplies
• 1+1 redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Tool less rails for simple installation
Cloud Networking Ready
• VXLAN and EVPN
• 128K MAC entries
• 800K/500K IPv4/v6 Routes
• 128-way ECMP for scale-out networks
• Up to 320K/80K IPv4/v6 Host Routes
• Up to 132MB integrated intelligent bu er
with dynamic bu er allocation
Resilient Control Plane
• High Performance x86 CPU
• Up to 16GB DRAM and SSD
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection*
• DANZ Advanced Mirroring for visibility
• sFlow
• INT and GREEN-T for In-Band Telemetry*
Arista Extensible Operating System
• Single binary image for all products
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• 64-bit EOS
• Full access to Linux shell and tools
• Extensible platform - bash, python, C++,
GO, OpenCon g
Arista 7050X4 Series
Arista EOS
The Arista 7050X4 series run the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
Arista’s 64-bit EOS is purpose built for high performance, large scale workloads and
embeds advanced monitoring, telemetry and automation capabilities. With a
powerful x86 CPU subsystem and full access to Linux, a wealth of standard tools can
also be run natively on the switch for simple integration into automation work ows.


Similar Part No. - DCS-7050SPX4-48D8-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCS-7050SPX4-48D8 ARISTA-DCS-7050SPX4-48D8 Datasheet
3Mb / 51P
QUICKSTART GUIDE Data Center Switches
More results

Similar Description - DCS-7050SPX4-48D8-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
112036-0035 MOLEX2-112036-0035 Datasheet
1Mb / 3P
Series 200 Unmanaged Switches
logo
KR Electronics, Inc.
2649-2 KR-2649-2 Datasheet
91Kb / 3P
200 MHz Center Frequency
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
200 KHz Center Frequency
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com