Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000H-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # FAN-7000H-R
Description  7050X3 Series 10/25/40/50/100G Data Center Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000H-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  FAN-7000H-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Overview
The Arista 7050X3 are members of the Arista 7050X series and key components of
the Arista portfolio of data center switches. The adoption of high performance
servers using virtualization and containers with increasingly higher bandwidth is
accelerating the need for dense 25 and 100G Ethernet switching in both the leaf and
spine tiers of modern networks. The Arista 7050X3 Series high performance flexible
data center switches with a rich set of wire speed L2 and L3 features combine
extensive automation with programmability, low latency and consistent features for
software driven cloud networking.
The 7050X3 Series are available in a choice of configuration options. Combining
high density and industry leading power efficiency with typical power consumption
under 7W per 100GbE port the 7050CX3-32S and 7050CX3-32C are ideal for both
high performance leaf or collapsed spine tiers with airflow choices for back to front,
or front to back.
Featuring 48 ports of 25G SFP ports and a choice of 8 or 12 ports of 100G ports the
7050SX3-48YC8, 7050SX3-48YC8C and 7050SX3-48YC12 enable high performance in
a compact 1RU form factor. The 7050SX3-96YC8 system has 96 ports of 25G and 8
ports of 100G in 2U. The 7050SX3 systems ensure seamless migration from 1/10G to
25G and enables high density 25G solutions without network oversubscription. The
7050TX3-48C8, 7050SX3-48C8 and 7050SX3-48C8C with 48 1/10G ports deliver
consistent features and enhancements for Enterprise and carrier networks.
All models of the 7050X3 Series offer flexible forwarding tables with a Unified
Forwarding Table, latency from as low as 800 ns and a fully shared packet buffer of
up to 32MB for superior burst absorption. Comprehensive support for a wide range
of interface speeds including 10G, 25G, 40G, 50G and 100G combined with Arista
EOS ensures the 7050X3 delivers the flexibility and features for big data, cloud,
virtualized and traditional network designs and accommodates the myriad different
applications and east-west traffic patterns found in modern data centers.
7050X3 Series 10/25/40/50/100G Data Center Switches
Data Sheet
Product Highlights
Performance
• 7050CX3-32S and 7050CX3-32C:
32x QSFP100
• 7050SX3-96YC8: 96x SFP25 & 8x QSFP100
• 7050SX3-48YC12: 48x SFP25 & 12x
QSFP100
• 7050SX3-48YC8 and 7050SX3-48YC8C:
48x SFP25 & 8x QSFP100
• 7050SX3-48C8 and 7050SX3-48C8C:
48x SFP+ & 8x QSFP100
• 7050SX3-24YC4C: 24x SFP25 & 4x
QSFP100
• 7050TX3-48C8: 48x 10G-T & 8x QSFP100
• Flexible 40G and 100G support
• Quad 10GbE and 25GbE support
• Up to 128 x 10G, 25G or 64x 50G
• Up to 6.4 terabits per second
• Up to 2 billion packets per second
• Wire speed L2 and L3 forwarding
• Latency from 800 ns
Data Center Optimized Design
• Over 94% efficient power supplies
• 1+1 redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Data center optimized airflow
• Tool less rails for simple installation
Cloud Networking Ready
• VXLAN and VM Tracer
• OpenFlow, DirectFlow and eAPI
• 288K MAC entries and 360K IPv4 Routes
• 168K IPv4 Host Routes
• 32 MB integrated intelligent buffer with
dynamic buffer allocation
Resilient Control Plane
• High Performance x86 CPU
• 8 GB or 16GB DRAM
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection
• DANZ Advanced Mirroring for visibility
• sFlow
• Self-configure and recover from USB
• Traffic aware ECMP and UCMP
Arista Extensible Operating System
• Single binary image for all products
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++,
GO, OpenConfig
Arista EOS
The Arista 7050X3 series runs the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch with the powerful x86 CPU subsystem.
Arista 7050X3 Series Switches: 7050SX3-48YC12, 7050CX3-32S,
7050CX3-32C, 7050SX3-96YC8, 7050SX3-48YC8,
7050SX3-48YC8C, 7050SX3-24YC4C, 7050SX3-48C8,
7050SX3-48C8C


Similar Part No. - FAN-7000H-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
FAN-7000H-R ARISTA-FAN-7000H-R Datasheet
1Mb / 16P
Data Center Switch Router
June 20th, 2023
FAN-7000H-R ARISTA-FAN-7000H-R Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
FAN-7000H-R ARISTA-FAN-7000H-R Datasheet
1Mb / 11P
7170 Series Programmable Data Center Switches
June 28th, 2024
More results

Similar Description - FAN-7000H-R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3133 KR-3133 Datasheet
52Kb / 3P
25 MHz Center Frequency
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0019 CWIND-GRS-4023A-0019 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023C-0007 CWIND-GRS-4023C-0007 Datasheet
179Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com