Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7011M-R Datasheet(PDF) 10 Page - Arista Networks, Inc

Part # FAN-7011M-R
Description  7050X3 Series 10/25/40/50/100G Data Center Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011M-R Datasheet(HTML) 10 Page - Arista Networks, Inc

Back Button FAN-7011M-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 11Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 12Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 13Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 14Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
7050X3 Series | Technical Specifications
Power Supply Specifications
Power Supply
PWR-1011-AC-
RED/BLUE
PWR-1011-DC-
RED/BLUE
PWR-500AC-
F/R
PWR-500-DC-
F/R
PWR-501-AC-
F/R
PWR-511-AC-
RED/BLUE
PWR-511-DC-
RED/BLUE
Input Voltage
100-240V AC
-48 to -60 VDC
100-240V AC
-48 to -60 VDC
100-240V AC
100-240V AC
-48 to -60 VDC
Typical Input
Current
12.0 - 6.0A
23A Max (-48V)
6.3 - 2.3A
11.8A Max
(-48V)
6.3 - 2.3A
6.3 - 2.3A
11.8A Max
(-48V)
Input Frequency
50/60Hz
DC
50/60Hz
DC
50/60Hz
50/60Hz
DC
Output Power
1000W
1000W
500W
500W
500W
500W
500W
Input Connector
IEC 60320
C14
AWG #6 Max
IEC 60320
C14
AWG #14 Max
IEC 60320
C14
IEC 60320
C14
AWG #14 Max
Efficiency
(Typical)
93% Platinum
94%
93% Platinum
90%
93% Platinum
93% Platinum
92%
Environmental Characteristics
Operating Temperature 1, 2
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)
Standards Compliance
EMC
FCC Class A, ICES-003, EN 55032, EN IEC
61000-3-2:2019, EN 61000-3-3
Immunity
EN 55035
EN 300 386
Safety
EN 62368-1:2014 + A11:2017
EN 62368-1:2020 + A11:2020
IEC 62368-1:2014
IEC 62368-1:2018
Certifications
BSMI (Taiwan)
CE (European Union)
KCC (South Korea)
NRTL (North America)
RCM (Australia/New Zealand)
UKCA (United Kingdom)
VCCI (Japan)
European Union
Directives
2014/35/EU Low Voltage Directive
2014/30/EU EMC Directive
2012/19/EU WEEE Directive
2011/65/EU RoHS Directive
2015/863/EU Commission Delegated
Directive
Further Information Product Certification Portal
1. Certain airflow configurations or the use of higher power or reduced temperature range optics may reduce maximum operating temperature
2. 7050SX3-48YC8 max operating temperature should be reduced by 2ºC per 1000m above sea level if installed in -F mode with > 4.5W QSFP or in -R mode with 2.5W
SFP and/or 4.5W QSFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com