Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TISP4082LP Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TISP4082LP
Description  SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4082LP Datasheet(HTML) 2 Page - Power Innovations Ltd

  TISP4082LP Datasheet HTML 1Page - Power Innovations Ltd TISP4082LP Datasheet HTML 2Page - Power Innovations Ltd TISP4082LP Datasheet HTML 3Page - Power Innovations Ltd TISP4082LP Datasheet HTML 4Page - Power Innovations Ltd TISP4082LP Datasheet HTML 5Page - Power Innovations Ltd TISP4082LP Datasheet HTML 6Page - Power Innovations Ltd TISP4082LP Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TISP4082LP
SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
2
MAY 1996 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
absolute maximum ratings at
25°C case temperature (unless otherwise noted))
NOTES: 1. Above 70°C, derate linearly to zero at 150°C case temperature
2. This value applies when the initial case temperature is at (or below) 70°C. The surge may be repeated after the device has
returned to thermal equilibrium.
3. Most PTT’s quote an unloaded voltage waveform. In operation the TISP essentially shorts the generator output. The resulting
loaded current waveform is specified.
.
NOTES: 4. These parameters must be measured using pulse techniques, tw = 100 µs, duty cycle ≤ 2%.
5. These parameters are measured with voltage sensing contacts seperate from the current carrying contacts located within 3.2 mm
(0.125 inch) from the device body.
6. Linear rate of rise, maximum voltage limited to 80 % VZ (minimum).
.
RATING
SYMBOL
VALUE
UNIT
Non-repetitive peak on-state pulse current (see Notes 1, 2 and 3)
ITSP
A
5/310 µs (CCITT IX K17, open-circuit voltage wave shape 1.5 kV, 10/700 µs)
25
Non-repetitive peak on-state current, 50 Hz, 1 s (see Notes 1 and 2)
ITSM
2.5
A rms
Initial rate of rise of on-state current,
Linear current ramp, Maximum ramp value < 38 A
diT/dt
250
A/µs
Junction temperature
TJ
150
°C
Operating free - air temperature range
0 to 70
°C
Storage temperature range
Tstg
-40 to +150
°C
Lead temperature 1.5 mm from case for 10 s
Tlead
260
°C
electrical characteristics, TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VZ
Reference zener
voltage
IZ = ± 1mA
± 58
V
∝
VZ
Temperature coefficient
of reference voltage
0.1
%/oC
V(BO) Breakover voltage
(see Notes 4 and 5)
± 82
V
I(BO)
Breakover current
(see Note 4)
± 0.15
± 0.6
A
VTM
Peak on-state voltage
IT = ± 5 A
(see Notes 4 and 5)
± 2.2
± 3
V
IH
Holding current
(see Note 4)
± 150
mA
dv/dt
Critical rate of rise of
off-state voltage
(see Note 6)
± 5
kV/
µs
ID
Off-state leakage
current
VD = ± 50 V
± 10
µA
Coff
Off-state capacitance
VD = 0
f = 1 kHz
110
200
pF
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
156
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com