Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7130LBR-48S6QD-R Datasheet(PDF) 10 Page - Arista Networks, Inc

Part # DCS-7130LBR-48S6QD-R
Description  7130LBR Series Layer 1 Application Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7130LBR-48S6QD-R Datasheet(HTML) 10 Page - Arista Networks, Inc

Back Button DCS-7130LBR-48S6QD-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7130LBR-48S6QD-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7130LBR-48S6QD-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7130LBR-48S6QD-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7130LBR-48S6QD-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7130LBR-48S6QD-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7130LBR-48S6QD-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7130LBR-48S6QD-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7130LBR-48S6QD-R Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Optional Components and Spares
PWR-1511-AC-RED
Arista PSU, 1RU, AC, 1500W, FORWARD, 73.5MM
PWR-1511-AC-BLUE
Arista PSU, 1RU, AC, 1500W, REVERSE, 73.5MM
PWR-1511-DC-RED
Arista PSU, 1RU, DC/DC, 1500W, FORWARD, 73.5MM
PWR-1511-DC-BLUE
Arista PSU, 1RU, DC/DC, 1500W, REVERSE, 73.5MM
PWR-2421-HV-RED
Arista 2400W HV AC and DC Power Supply, FORWARD, 73.5MM
FAN-7011H-F
Spare fan module for Arista 7000 Series 1RU High Speed Fan (front-to-rear air ow)
FAN-7011H-R
Spare fan module for Arista 7000 Series 1RU High Speed Fan (rear-to-front air ow)
KIT-7101-D
Spare tool-free accessory kit (v3) for Arista switches. 4-post mount with deep chassis adapters. (2 x C13-C14, 2m)
KIT-7101-RK
Spare tool-free 4-post mount kit (v3). (Compatible with KIT-ADJ-RLR)
KIT-7101-LD-RK
Spare extended tool-free 4-post mount kit (v3), includes deep chassis adapters. (82 - 107cm / 32 - 42")
KIT-ADJ-RLR
Spare adapters for deep tool-free switches (pair) (Compatible with KIT 7101/7102 only)
KIT-GND-EXT-1RU
Arista 7000 Series 1RU Ground Extender Kit for NEBS compliance.
Product Number
Product Description
DCS-7130LBR-48S6QD-F
Arista 7130 Series, with 48 SFP+, 6 QSFP-DD, Layer 1 X-point, 2x VU9P-3 FPGA, R series switch, front-to-rear air, 2xAC
DCS-7130LBR-48S6QD-R
Arista 7130 Series, with 48 SFP+, 6 QSFP-DD, Layer 1 X-point, 2x VU9P-3 FPGA, R series switch, rear-to-front air, 2xAC
DCS-7130LBR-48S6QD#
Arista 7130 Series, with 48 SFP+, 6 QSFP-DD, Layer 1 X-point, 2x VU9P-3 FPGA, R series switch, con gurable fans & psu
LIC-FIX-4-E
Enhanced L3 License for Arista Group 4 Fixed switches, (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-4-V
Virtualization license for Group 4 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-4-V2
EOS Extensions, Security and Partner Integration license for Arista Group 4 Fixed switches
LIC-FIX-4-Z
Monitoring & Automation license for Arista Group 4 Fixed switches (ZTP, LANZ, TapAgg, OpenFlow)
LIC-FIX-4-FLX-L
FLX-Lite License for Arista Fixed switches Group 4 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR
(no TE or link/node protection)
LIC-FIX-4-FLX
FLX License for Arista Fixed switches Group 4 - Full Routing Up to 2M Routes, >24K ACL, EVPN, VXLAN, SR, Adv MPLS
LSR with TE or link/node protection
7130LBR Series | Ordering Information
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com