Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7130-48G3S-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # DCS-7130-48G3S-R
Description  7130S Connect Series Layer 1 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7130-48G3S-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  DCS-7130-48G3S-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7130-48G3S-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7130-48G3S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7130-48G3S-R Datasheet HTML 4Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7130S Connect Series | Technical Specifications
Model Comparison
7130-16G3S E
7130-48G3S
7130-96S E
Ports
16 x SFP+
1 x RJ45
48 x SFP+
1 x RJ45
96 x SFP+
2 x RJ45
Throughput
100M-11.3Gbps
100M-11.3Gbps
100M-11.3Gbps
Latency
4 ns
4 ns
6 ns
CPU
Quad-Core x86
Quad-Core x86
Quad-Core x86
System Memory
8 GB RAM
8 GB RAM
8 GB RAM
On-board SSD
64GB
64GB
64GB
USB Ports
1
1
1
100/1000 Mgmt Ports
2
2
2
RS-232 Serial Ports
1 (RJ-45)
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fan Trays
2 (1+1 redundant)
3 (N+1 redundant)
Reversible Airflow Option
Yes
Rack Units
1U
1U
2U
Size (WxHxD)
17.6 x 1.7 x 14.9”
(44.8 x 4.3 x 37.9 cm)
17.6 x 1.7 x 14.9”
(44.8 x 4.3 x 37.9 cm)
17.6 x 3.3 x 14.9”
(44.8 x 8.7 x 37.9 cm)
Max Power Draw
190W
190W
388W
Weight
9kg/20lbs
9kg/20lbs
10kg/22lbs
Fan Tray
FAN-7130-1U
FAN-7130-1U
FAN-7130-2U
Power Supplies
PWR-500 (AC or DC)
PWR-500 (AC or DC)
PWR-747-AC
PWR-1900-DC
E. Product is subject to an End of Sale notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com