Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7011H-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7135LB Series Layer 1 FPGA Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  FAN-7011H-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7135LB Series Layer 1+ FPGA Switch
Data Sheet
Product Highlights
Performance
• 7135LB: 48 x SFP28, 4 x QSFP28
• 5 ns - Layer 1 Latency at 25G
• Non blocking
• Nanosecond level L1 forwarding
• Xilinx Virtex® UltraScale+™ FPGA
• Deterministic forwarding
Advanced L1 functionality
• Signal regeneration
• Media conversion
• Port mirroring
• Telemetry
• Dynamic patching/link management
Core Features
• Ports capable of 100M-25Gbps
• Full signal recovery & regeneration
• Bit for bit forwarding for any protocol
• Integrated FPGA for applications
Ultra Low Latency
• Deterministic ultra low latency
• Less than 100 ps jitter
• Same latency for 1:N port mirroring
• Completely non-blocking
Redundancy & Data Center Optimized
• Dual redundant, hot swappable PSU
• Dual redundant, hot swappable fans
• AC & DC power options
• Rear to front or front to rear cooling
• Tool-less rails for simple installation
Monitoring
• Embedded influxdb database
• Eye diagram for monitoring/
troubleshooting
• LLDP for discovering network topology
• Full SFP28 interface diagnostics including
light levels, temperature & voltage
Management platform
• Linux based
• Industry standard CLI
• JSON RPC API for remote management
• Flexible Time Synchronization with PTP,
NTP, PPS
Overview
Exchanges and traders today tend to do everything possible to shave every
nanosecond of latency from the network. FPGA-based applications and Layer 1 X-
Point connectivity provide blazing fast data distribution, critical to achieving the
lowest possible latency. With increasing volatility and market data volume spiking
bursts of traffic, upgrading the speed of the network infrastructure becomes an
obvious choice to adapt to rapidly changing market events. The lack of higher
speed infrastructure in ultra low latency networks has inhibited HFT venues from
performing network upgrades. The Arista 7135LB Series FPGA-enabled devices
leverage FPGA technology and a 25G crosspoint matrix switch to enable the
development and deployment of cutting-edge network applications. With 48
SFP28 ports and 4 QSFP28 ports, the platform supports the next generation of
25G+ ultra low latency applications, featuring a Xilinx UltraScale+ FPGA. The 7135LB
adds a Layer 1 crosspoint fabric between the FPGA and front-panel, supporting 25G
replication at only 5ns.
The Xilinx UltraScale+ FPGA allows customers to run either the applications
developed by Arista, or to develop their own custom applications. On top of
market-leading FPGA functionality, 7135LB Series combines a range of Layer 1+
network functionality such as signal regeneration, port mirroring, dynamic
patching/link management, ad-hoc tapping without rewiring, and media
conversion telemetry and more, all in one device.
Arista 7135LB Series
Feature
Benefits
Simplified stack
Fan-out with 5 ns of latency, equivalent to a single meter of
fiber or copper interconnect and insignificant jitter.
Media conversion
Reduces costs by converting between different media types
running at the same rate
Layer 1+ functionality
Save rack space and reduce complexity by leveraging dynamic
patching, tapping, one-to-many replication, telemetry and
comprehensive port statistics on a single device.
Feature rich
Avoid the need to build features in-house by leveraging Arista’s
access control, syslog, SNMP, packet stats, tcpdump, JSON RPC
API, time series data, streaming telemetry and more - included
as standard within the 7135 Series.
Easy app deployment
Streamline operational processes through Arista’s built-in
application infrastructure which allows developers to wrap
applications into simple packages for deployment.
Enterprise ready
Deploy FPGA applications with ease - the FPGA platform
integrates with a 64-bit x86 management processor and the
MOS and/or EOS Operating systems to provide user extensible
solutions.


Similar Part No. - FAN-7011H-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
4Mb / 14P
7050X4 Series 100/200/400G Data Center Switches
Oct 21st, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
3Mb / 14P
7060X5 Series 400/800G Data Center Switches
Oct 21st, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
375Kb / 11P
7130LBR Series Layer 1 Application Switch
March 25th, 2023
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
1Mb / 26P
7280R3 Series Data Center Switch Router
October 28th, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
1Mb / 26P
7280R3A Series Data Center Switch Router
October 28th, 2024
More results

Similar Description - FAN-7011H-R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5646 BOARDCOM-BCM5646 Datasheet
102Kb / 1P
INTEGRATED MULTI LAYER SWITCH
logo
Agere Systems
ET4000 AGERE-ET4000 Datasheet
241Kb / 2P
Single-Chip 28 x 1 Gbits/s Layer 2 Ethernet Switch
June 2004
logo
Altera Corporation
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
Layer 3 Industrial Ethernet Switch
EL228 REDLION-EL228 Datasheet
1Mb / 4P
Layer 2 Industrial Ethernet Switch
logo
Weidmuller
2778990000 WEIDMULLER-2778990000 Datasheet
195Kb / 6P
Layer 2 Network Switch, 19
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com