Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7170-32C-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # DCS-7170-32C-R
Description  7170 Series Programmable Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7170-32C-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button DCS-7170-32C-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7170-32C-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7170-32C-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7170-32C-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7170-32C-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7170-32C-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7170-32C-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7170-32C-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7170-32C-R Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Supported Optics and Cables
Interface Type
40G QSFP ports
10GBASE-CR
0.5m-5m QSFP+ to 4x SFP+
40GBASE-CR4
0.5m to 5m QSFP+ to QSFP+
40GBASE-AOC
3m to 100m
40GBASE-SR4
100m OM3 / 150m OM4 parallel MMF
40GBASE-XSR4
300m OM3 / 400m OM4 parallel MMF
40GBASE-SRBD
100m OM3 / 150m OM4 duplex MMF
40GBASE-UNIV
150m OM3/OM4 duplex MMF
500m duplex SMF
40GBASE-PLR4/PLRL4
10km/1km duplex SMF (4x10G LR/LRL)
40GBASE-LR4/LRL4
10km/1km duplex SMF
40GBASE-ER4
40km duplex SMF
Interface Type
100G QSFP ports
100GBASE-SR4
70m OM3 / 100m OM4 Parallel MMF
100GBASE-XSR4
150m OM3 / 300m OM4 Parallel MMF
100GBASE-SWDM4
70m OM3 / 100m OM4 Duplex MMF
100GBASE-SRBD
70m OM3 / 100m OM4 Duplex MMF
100GBASE-LR
10km SM Duplex
100GBASE-LR4/LRL4
10km/2km SM Duplex
100GBASE-XCWDM4
10km SM Duplex
100GBASE-CWDM4
2km SM Duplex
100GBASE-PSM4
500m SM Parallel
100GBASE-AOC
1m to 30m
100GBASE-ERL4
40km SM Duplex
100GBASE-CR4
QSFP to QSFP: 1m to 5m
25GBASE-CR
QSFP to SFP25: 1m to 3m lengths
Interface Type
SFP+ ports
10GBASE-CR
SFP+ to SFP+: 0.5m-5m
10GBASE-AOC
SFP+ to SFP+: 3m-30m
10GBASE-SRL
100m OM3 / 150m OM4 duplex MMF
10GBASE-SR
300m OM3 / 400m OM4 duplex MMF
10GBASE-LR/LRL
10km/1km duplex SMF
10GBASE-ER
40km duplex SMF
10GBASE-ZR
80km duplex SMF
10GBASE-DWDM
80km duplex SMF (DWDM)
1GbE SX/LX/TX
Supported
7170 Series | Technical Specifications
Environmental Characteristics
Operating Temperature
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com