Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7130-48LAS-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # DCS-7130-48LAS-R
Description  7130LS Series Layer 1 FPGA Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7130-48LAS-R Datasheet(HTML) 8 Page - Arista Networks, Inc

  DCS-7130-48LAS-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7130-48LAS-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7130-48LAS-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7130-48LAS-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7130-48LAS-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7130-48LAS-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7130-48LAS-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7130-48LAS-R Datasheet HTML 8Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7130LS Series | Ordering Information
Optional Components and Spares
Product Number
Product Description
FAN-7130-1U-F
Spare fan module for Arista 7130 Series 1U (front-to-rear air ow)
FAN-7130-1U-F#
Con gurable fan module for Arista 7130 Series 1U (front-to-rear air ow)
FAN-7130-1U-R
Spare fan module for Arista 7130 Series 1U (rear-to-front air ow)
FAN-7130-1U-R#
Con gurable fan module for Arista 7130 Series 1U (rear-to-front air ow)
FAN-7130-2U-F
Spare fan module for Arista 7130 Series 2U (front-to-rear air ow)
FAN-7130-2U-F#
Con gurable fan module for Arista 7130 Series 2U (front-to-rear air ow)
FAN-7130-2U-R
Spare fan module for Arista 7130 Series 2U (rear-to-front air ow)
FAN-7130-2U-R#
Con gurable fan module for Arista 7130 Series 2U (rear-to-front air ow)
PWR-500AC-F
Spare 500 Watt AC power supply for Arista 7050X, 7280 and 7130 Switches (front-to-rear air ow)
PWR-500AC-R
Spare 500 Watt AC power supply for Arista 7050X, 7280 and 7130 Switches (rear-to-front air ow)
PWR-500-DC-F
Spare 500W DC Power Supply for 7050X, 7280 and 7130 series (front to rear air ow switch)
PWR-500-DC-R
Spare 500W DC Power Supply for 7050X, 7280 and 7130 series (rear to front air ow switch)
PWR-747AC-RED
Spare 750 Watt AC power supply for Arista 7280R and 7130 Switches (front-to-rear air ow)
PWR-747AC-BLUE
Spare 750 Watt AC power supply for Arista 7280R and 7130 Switches (rear-to-front air ow)
PWR-1900-DC-F
Spare 1900W DC power supply for Arista 7000 Series 2U switches (front to rear air ow)
PWR-1900-DC-R
Spare 1900W DC power supply for Arista 7000 Series 2U switches (rear to front air ow)
7130LS
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2023 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
Dec 10th, 2023
04-0038-04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com