Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7260CX3-64E-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # DCS-7260CX3-64E-R
Description  7260X3 Series 10/25/40/50/100G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7260CX3-64E-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button DCS-7260CX3-64E-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7260CX3-64E-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7260CX3-64E-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7260CX3-64E-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7260CX3-64E-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7260CX3-64E-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7260CX3-64E-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7260CX3-64E-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7260CX3-64E-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Supported Optics and Cables
Interface Type
40G QSFP ports
10GBASE-CR
0.5m-5m QSFP+ to 4x SFP+
40GBASE-CR4
0.5m to 5m QSFP+ to QSFP+
40GBASE-AOC
3m to 100m
40GBASE-UNIV
150m (OM3) /150m (OM4) /500m (SM)
40GBASE-SRBD
100m (OM3) /150m (OM4)
40GBASE-SR4
100m (OM3) /150m (OM4)
40GBASE-XSR4
300m (OM3) /450m (OM4)
40GBASE-PLRL4
1km (1km 4x10G LR/LRL)
40GBASE-LRL4
1km
40GBASE-PLR4
10km (10km 4x10G LR/LRL)
40GBASE-LR4
10km
40GBASE-ER4
40km
Interface Type
SFP+ ports
10GBASE-CR
SFP+ to SFP+: 0.5m-5m
10GBASE-AOC
SFP+ to SFP+: 3m-30m
10GBASE-SRL
100m
10GBASE-SR
300m
10GBASE-LRL
1km
10GBASE-LR
10km
10GBASE-ER
40km
10GBASE-ZR
80km
10GBASE-DWDM
80km
100Mb TX, 1GbE
SX/LX/TX
Yes
100GbE
100G QSFP ports
100GBASE-SR4
70m OM3 / 100m OM4 Parallel MMF
100GBASE-XSR4
150m OM3 / 300m OM4 Parallel MMF
100GBASE-SWDM4
70m OM3 / 100m OM4 Duplex MMF
100GBASE-SRBD
70m OM3 / 100m OM4 Duplex MMF
100GBASE-ERL4
40km SM Duplex
100GBASE-LR
10km SM Duplex
100GBASE-LR4
10km SM Duplex
100GBASE-LRL4
2km SM Duplex
100GBASE-XCWDM4
10km SM Duplex
100GBASE-CWDM4
2km SM Duplex
100GBASE-FR
2km SM Duplex
100GBASE-DR
500m SM Duplex
100GBASE-PSM4
500m SM Parallel
100GBASE-AOC
1m to 30m
100GBASE-CR4
QSFP to QSFP: 1m to 5m
25GBASE-CR
QSFP to SFP25: 1m to 3m lengths
7260X3 Series | Technical Speci cations
Power Supply Speci cations
Power Supply
PWR-745AC
PWR-1900AC
PWR-1900DC
Input Voltage
100-240VAC
200-240AC
40-72 VDC
Typical Input
Current
10 - 4A
11.2 - 9.5A
44A Max (-48V)
Input Frequency
50/60Hz
50/60Hz
DC
Input Connector
IEC 320-C13
IEC 60320 C20
AWG #6 Max
E ciency
(Typical)
93% Platinum
93% Platinum
95%
Arista Optics and Cables
The Arista 7260X3 Series supports a wide range of 10G to 100G pluggable optics and cables. For details about the di erent optical
modules and the minimum EOS Software release required for each of the supported optical modules, visit
https://www.arista.com/en/products/transceivers-cables



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com