Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7060DX5-64S-R Datasheet(PDF) 13 Page - Arista Networks, Inc

Part # DCS-7060DX5-64S-R
Description  7060X5 Series 400/800G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060DX5-64S-R Datasheet(HTML) 13 Page - Arista Networks, Inc

Back Button DCS-7060DX5-64S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060DX5-64S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060DX5-64S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060DX5-64S-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7060DX5-64S-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7060DX5-64S-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7060DX5-64S-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7060DX5-64S-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7060DX5-64S-R Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
7060X5 Series | Ordering Information
7060DX5-32
Product Description
DCS-7060DX5-32-F
Arista 7060X5, 32x400GbE QSFP-DD switch, front-to-rear air, 2xAC
DCS-7060DX5-32-R
Arista 7060X5, 32x400GbE QSFP-DD switch, rear-to-front air, 2xAC
DCS-7060DX5-32#
Arista 7060X5, 32x400GbE QSFP-DD switch, no fans, no psu
LIC-FIX-3-E
Enhanced L3 License for Arista Group 3 Fixed switches (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-3-V
Virtualization license for Group 3 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-3-Z
Monitoring & Automation license for Arista Group 3 Fixed switches (ZTP, LANZ, TapAgg, API, Time-stamping, OpenFlow)
LIC-FIX-3-FLX-L
FLX-Lite License for Arista Fixed Group 3 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR
(no TE or link/node protection)
PWR-1511-AC-RED
Arista PSU, 1RU, AC/DC, 1500W, FORWARD, 73.5MM
PWR-1511-DC-RED
Arista PSU, 1RU, AC/DC, 1500W, FORWARD, 73.5MM
PWR-1511-AC-BLUE
Arista PSU, 1RU, AC/DC, 1500W, REVERSE, 73.5MM
PWR-1511-DC-BLUE
Arista PSU, 1RU, AC/DC, 1500W, REVERSE, 73.5MM
FAN-7011H-F
Spare fan module for Arista 7000 Series 1RU High Speed Fan (front-to-rear air ow)
FAN-7011H-R
Spare fan module for Arista 7000 Series 1RU High Speed Fan (rear-to-front air ow)
KIT-7101
Spare tool-free accessory kit (v3) for Arista switches. 4-post mount. (2 x C13-C14, 2m)
KIT-GND-EXT-1RU
Arista 7000 Series 1RU Ground Extender Kit for NEBS compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com