Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-7101-RK Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # KIT-7101-RK
Description  7130LBR Series Layer 1 Application Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7101-RK Datasheet(HTML) 4 Page - Arista Networks, Inc

  KIT-7101-RK Datasheet HTML 1Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 2Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 3Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 4Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 5Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
7130LBR Series | Switch Features
Data Sheet
Integrated R3-Series Switch
The integrated switch in the 7130LBR Series o ers a wide range of features for di erent applications. When connected directly to the
front-panel interfaces through the crosspoint, it provides high-performance switching and routing capable of 2.4 Tbps of throughput.
Its deep bu er virtual output queue (VOQ) architecture eliminates head-of-line (HOL) blocking and virtually eliminates packet drops
even in the most congested network scenarios. An advanced tra c scheduler fairly allocates bandwidth between all virtual output
queues while accurately following queue disciplines including weighted fair queueing, xed priority, or hybrid schemes. As a result, the
R3-Series switch can handle the most demanding data center requirements with ease, including mixed tra c loads of real-time,
multicast, and storage tra c while still delivering low latency.
Using the crosspoint to mirror front-panel tra c, the switch can also be used out-of-band for monitoring layer 1 paths or FPGA links,
saving valuable FPGA logic. In tap aggregation mode, the switch supports time stamping, tra c steering, and N:M mirroring with
arbitrary aggregation groups.
FlexRouteTM
The Arista FlexRoute Engine provides support for the full internet
routing table, in hardware, with IP forwarding at Layer 3 and with
su cient headroom for future growth in both IPv4 and IPv6 route
scale to more than 1.4 million routes. The innovative FlexRoute
Engine with its patented algorithmic approach to building layer 3
forwarding tables on Arista R-Series Universal Spine and Leaf
platforms is unique to Arista and a key enabler in calling these
platforms routers.
Accelerated sFlow
SFlow is a powerful tool used commonly by network operators for
advanced network telemetry, capacity planning, security analysis
and quality of experience monitoring. Traditional sFlow utilizes a
system CPU for processing samples of hundreds of thousands of
ows. In modern high performance systems guaranteed high rate
sampling requires the capability to both sample and process packet
rates of billions of packets per second. With the R-Series Accelerated
sFlow feature, the sampling and processing of ow samples into
sFlow datagrams is handled via integrated sFlow engines capable of
supporting 1:500 sampling rates on full wire speed systems or
higher rates with selective sampling based on triggers and lters. All
sFlow v5 information is included in the sFlow records ensuring
consistent integration with existing standard sFlow collection and
analysis tools and no loss of information.
In-band Network Telemetry
In-band network telemetry, or INT, is a standards-based approach to providing deep visibility into tra c in real-time, with no impact on
switch performance. INT provides per- ow monitoring of tra c drops, latency, congestion and the network path. INT information can
be exported in IPFIX or sFlow formats to a management system or collector such as Arista CloudVision, for predictive analytics and deep
forensics to measure latency per device and across the network, trace packets and reconstruct path topology as well as detecting hot-
spots. In-band Network Telemetry is available on the R-Series switch, with the ability to originate, pass and terminate, along with
mirroring to external collectors.
R-Series Switch Pro les
Pro le
L3
Balanced
ARP Entries
88k
80k
MAC Addresses
224k
224k
IPv4 Unicast Routes
1450k
800k
Additional IPv4 Unicast
Routes with FlexRoute
+ 1792k
+ 1792k
IPv6 Unicast Routes
433-483k
250-267k
Multicast Routes
128k
128k
TCAM ACL Entries
(Per chip)
24k
24k
Tra c Policy ACL IPv4
Pre xes
30k
30k
Tra c Policy ACL IPv6
Pre xes
10k
10k
ECMP
512-Way
512-Way



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com