Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7130-48LBS-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # DCS-7130-48LBS-R
Description  7130LS Series Layer 1 FPGA Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7130-48LBS-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  DCS-7130-48LBS-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7130-48LBS-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7130-48LBS-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7130-48LBS-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7130-48LBS-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7130-48LBS-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7130-48LBS-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7130-48LBS-R Datasheet HTML 8Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Arista 7130 Applications
Arista o ers several powerful network applications to transform network infrastructure. These applications enable a complete lifecycle
of networking functions, such as packet replication, multiplexing, ltering, timestamping, Layer 2 switching, aggregation and capture.
Arista also provides FPGA development kits as well as IP cores to enable organizations to develop and deploy their your own custom
applications.
Application
Dev
Standard Overview
Key Features
Use it for...
MetaWatch
L & LB
Advanced
network
monitoring
• Regenerative Tapping
• Large scale, lossless tap aggregation
• Multi-port data capture
• Sub-nanosecond precise time
stamping
• Deep bu ering (32 GB)
• In-depth network monitoring and
visibility
• Improved network reliability &
troubleshooting problems
• Market data & packet capture
• Accurate latency measurement &
monitoring
• Regulatory compliance (MiFID II/RTS 25)
MetaMux
L & LB
Low-latency
multiplexing
• Data aggregation in 39
nanoseconds
• Deterministic jitter
• Packet statistics
• BGP & PIM support
• Ultra-low latency network connectivity
for trading
• Market data fan-out and data
aggregation for order entry at
nanosecond levels
MultiAccess
L & LB
Connection
sharing with
enhanced
security
• Low-latency multiplexing and
security from 55 nanoseconds
• ACL-based con gurable ltering
• Easy to deploy data privacy for
connection sharing
• Simpli ed footprint for both mux
and ltering applications
• 10/1G Speed Conversion
• Secure network connection sharing
• Providing sponsored access to multiple
clients
• Multi tenant exchange access
• Low latency interconnect sharing
• Supporting Colo deployments with
multiple concurrent exchange
connections
SwitchApp
LB
Low latency
Layer 2
switching
• 1/10/40G Layer 2 switching,
implemented in FPGA
• Ultra-low latency packet forwarding
in 94 -132 ns
• Full featured L2 switching pipeline
powered by EOS
• Non-blocking bandwidth pro les to
provide up to 480 Gbps
• Exchange-facing connectivity
• L2 Multicast pub/sub
• Supporting Colo deployments with
multiple concurrent connections
• Optimised distribution of tra c
• Low latency back-o ce or message bus
infrastructure
7130LS Series | Applications
Application Comparison for Arista 7130LS Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com