Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7002-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # FAN-7002-R
Description  7060X and 7260X Series 10/25/40/50/100G Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button FAN-7002-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7060X and 7260X Series | Technical Speci cations
Speci cations
Switch Model
7060CX2-32S
7060SX2-48YC6
7060CX-32S
7260CX-64 2
7260QX-64 2
Ports
32 x QSFP100
2x SFP+
48 x SFP25
6x QSFP100
32 x QSFP100
2x SFP+
64x QSFP100
2x SFP+
64x QSFP+
2x SFP+
Max 100GbE Ports
32
6
32
64
0
Max 40GbE Ports
32
6
32
64
64
Max 25GbE Ports
128
(4x25G)
72
(48xSFP25 & 6 4x25G)
128
(4x25G)
256
(4x25G)
0
Max 10GbE Ports
130
(32 4x10G & 2xSFP+)
72
(48xSFP+ & 6 4x10G)
130
(32 4x10G & 2xSFP+)
258
(64 4x10 & 2xSFP+)
2
Max 1GbE Ports
2
48
2
2
2
Throughput
6.4 Tbps
3.6 Tbps
6.4 Tbps
12.8Tbps
5.12Tbps
Packets/Second
3.3 Bpps
2.7 Bpps
3.3 Bpps
9.52 Bpps
3.3 Bpps
Latency
450ns
450ns
450ns
550 to 1500ns
550ns
CPU
Multi-Core x86
Multi-Core x86
Multi-Core x86
Dual-Core i7 x86
Multi-Core x86
System Memory
8 Gigabytes
8 Gigabytes
4 Gigabytes
8 Gigabytes
4 Gigabytes
Flash Storage
Memory
4 Gigabytes
4 Gigabytes
4 Gigabytes
4 Gigabytes
4 Gigabytes
Packet Bu er
Memory
22MB (Dynamic
Buffer Allocation)
22MB (Dynamic
Buffer Allocation)
16MB (Dynamic
Buffer Allocation)
64MB (Dynamic
Buffer Allocation)
16MB (Dynamic
Buffer Allocation)
100/1000 Mgmt
Ports
1
1
1
1
1
RS-232 Serial Ports
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
USB Ports
1
1
1
1
1
Hot-swap Power
Supplies
2 (1+1 redundant)
2 (1+1 redundant)
2 (1+1 redundant)
2 (1+1 redundant)
2 (1+1 redundant)
Hot-swappable Fans
4 (N+1 redundant)
4 (N+1 redundant)
4 (N+1 redundant)
4 (N+1 redundant)
4 (N+1 redundant)
Reversible Air ow
Yes
Yes
Yes
Yes
Yes
Typical/Max Power
Draw*
187W / 333W
240W / 385W
187W / 333W
1672W / 2090W
315W / 800W
Size (WxHxD)
19 x 1.75 x 16 inches
(48.3x 4.4x 40.64cm)
19 x 1.75 x 16 inches
(48.3x 4.4x 40.64cm)
19 x 1.75 x 16 inches
(48.3x 4.4x 40.64cm)
19 x 3.5 x 18 inches
(48.3 x 8.8 x45.7 cm)
19 x 3.5 x 18 inches
(48.3 x 8.8 x45.7 cm)
Weight
21lbs (9.5kg)
19.4lbs (8.8kg)
21lbs (9.5kg)
44.1lbs (20.0kg)
35.5 lbs (16.1kg)
Fan Tray
FAN-7000
FAN-7000H
FAN-7000
FAN-7002H
FAN-7002
Power Supplies
500W AC
500W DC
500W AC
500W DC
500W AC
500W DC
1900W AC
1900W DC
1100W AC
1900W DC
EOS Feature
Licenses
Group 2
Group 2
Group 2
Group 3
Group 2
* Typical power consumption measured at 25C ambient with 50% load
Note: 1.Performance rated over operation with average packets larger than 200 bytes.
Note 2. Product is subject to an end of sales notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com