Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  7060X and 7260X Series 10/25/40/50/100G Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  FAN-7000-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
7060X and 7260X Series | Platform Overview
Software Driven Cloud Networking
Arista Software Driven Cloud Networking (SDCN), combines the principles that have made cloud computing the unstoppable force
that it is: automation, self service provisioning, and linear scaling of both performance and economics coupled with the trend in
Software Defined Networking that delivers: network virtualization, custom programmability, simplified architectures, and lower capital
expenditure. This combination creates a best-in-class software foundation for maximizing the value of the network to both the
enterprise and service provider data center.
Smart System Upgrade
Smart System Upgrade is a network application designed to address one of the most complicated and challenging tasks facing data
center administrators - network infrastructure maintenance. Changes to the underlying network infrastructure can affect large numbers
of devices and cause significant outages. SSU provides a fully customizable suite of features that tightly couples data center
infrastructure to technology partners allowing for intelligent insertion and removal, programmable updates to software releases and
open integration with application and infrastructure elements.
Advanced Event Management (AEM)
Simplifying the overall operations, AEM provides the tools to customize alerts and actions. AEM is a powerful and flexible set of tools to
automate tasks and customize the behavior of EOS and the operation of the overall data center switching infrastructure. AEM allows
operators to fully utilize the intelligence within EOS to respond to real-time events, automate routine tasks, and automate actions based
on changing network conditions.
Precise Data Analysis
Arista Latency Analyzer (LANZ) is an integrated feature of EOS. LANZ provides precise real-time monitoring of micro-burst and
congestion events before they impact applications, with the ability to identify the sources and capture affected traffic for analysis.
Virtualization
Supporting next-generation virtualized data centers requires tight integration with orchestration tools and emerging encapsulation
technologies such as VXLAN. The 7060X & 7260X build on the valuable tools already provided by the Arista VM Tracer suite to integrate
directly into encapsulated environments. Offering a wire-speed gateway between VXLAN and traditional L2/3 environments, they
make integration of non-VXLAN aware devices including servers, firewalls and load-balancers seamless and provide the ability to
leverage VXLAN as a standards based L2 extension technology for non-MPLS environments.
Uni ed Forwarding Table
Cloud network scalability is directly impacted by the size of a switches forwarding tables. In many systems a 'one size fits all' approach is
adopted using discrete fixed size tables for each of the common types of forwarding entry. The Arista 7060X and 7260X leverage a
common Unified Forwarding Table for the L2 MAC, L3 Routing, L3 Host and IP Multicast forwarding entries, which can be partitioned
per entry type. The ideal size of each partition varies depending on the network deployment scenario. The flexibility of the UFT coupled
with the range of pre-defined configuration profiles available on the 7060X and 7260X ensures optimal resource allocation for all
network topologies and network virtualization technologies.
Arista 7060X 1RU Rear View: Rear to Front air ow (blue)
High Availability
The Arista 7260X and 7060X series switches were designed for high availability
from both a software and hardware perspective. Key high availability features
include:
• 1+1 hot-swappable power supplies and four N+1 hot-swap fans
• Color coded PSU’s and fans
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
• Smart System Upgrade (SSU) and Accelerated Software Update (ASU)
• Up to 64 10/25/40/50/100GbE ports per link aggregation group
• Multi-chassis LAG for active/active L2 multi-pathing
• 128-way ECMP routing for load balancing and redundancy
Arista 7060X 1RU Rear View: Front to Rear air ow (red)
Arista 7260X 2RU Rear View: Rear to Front air ow (blue)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com