Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7060DX5-32-R Datasheet(PDF) 14 Page - Arista Networks, Inc

Part # DCS-7060DX5-32-R
Description  7060X5 Series 400/800G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060DX5-32-R Datasheet(HTML) 14 Page - Arista Networks, Inc

Back Button DCS-7060DX5-32-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060DX5-32-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060DX5-32-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060DX5-32-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7060DX5-32-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7060DX5-32-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7060DX5-32-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7060DX5-32-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7060DX5-32-R Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
7060X5 Series | Ordering Information and Contact Details
7060CX5-56D8
Product Description
DCS-7060CX5-56D8-F
Arista 7060X5, 56x 100GbE QSFP & 8x 400GbE QSFP-DD switch, front-to-rear air, 2xAC
DCS-7060CX5-56D8-R
Arista 7060X5, 56x 100GbE QSFP & 8x 400GbE QSFP-DD switch, rear-to-front air, 2xAC
DCS-7060CX5-56D8#
Arista 7060X5, 56x 100GbE QSFP & 8x 400GbE QSFP-DD switch, no fans, no psu
LIC-FIX-3-E
Enhanced L3 License for Arista Group 3 Fixed switches (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-3-V
Virtualization license for Group 3 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-3-Z
Monitoring & Automation license for Arista Group 3 Fixed switches (ZTP, LANZ, TapAgg, API, Time-stamping, OpenFlow)
LIC-FIX-3-FLX-L
FLX-Lite License for Arista Fixed Group 3 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR
(no TE or link/node protection)
PWR-1512-AC-RED
Arista PSU, 1RU, AC, 1500W v2, FORWARD, 73.5MM
PWR-1512-AC-BLUE
Arista PSU, 1RU, AC, 1500W v2, REVERSE, 73.5MM
PWR-1511-DC-RED
Arista PSU, 1RU, DC, 1500W, FORWARD, 73.5MM
PWR-1511-DC-BLUE
Arista PSU, 1RU, AC/DC, 1500W, REVERSE, 73.5MM
FAN-7012H-RED
Spare fan module for Arista 7000 Series 2RU High Speed Fan (front-to-rear air ow)
FAN-7011H-BLUE
Spare fan module for Arista 7000 Series 2RU High Speed Fan (rear-to-front air ow)
KIT-7201
Spare tool-free accessory kit (v2) for Arista 2RU switches. 4-post mount. (2x C13-C14, 2m)
Warranty
The Arista 7060X5 switches comes with a one-year limited hardware warranty, which covers parts, repair, or replacement with a 10
business day turn-around after the unit is received.
Service and Support
Support services including next business day and 4-hour advance hardware replacement are available. For service depot locations,
please see: http://www.arista.com/en/service
Copyright 2024 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
Oct 21st, 2024
03-0059-18
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com