Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-1900-DC-R Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # PWR-1900-DC-R
Description  7170 Series Programmable Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-1900-DC-R Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button PWR-1900-DC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-1900-DC-R Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
7170 Series | Contact Information
Warranty
The Arista 7170 series switches come with a one-year limited hardware warranty, which covers parts, repair, or replacement with a 10
business day turn-around after the unit is received.
Service and Support
Support services including next business day and 4-hour advance hardware replacement are available. For service depot locations,
please see: http://www.arista.com/en/service
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2024 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
June 28th, 2024
03-0041-20
Optional Components and Spares
PWR-745AC-F
Spare 750 Watt AC power supply for Arista 7170 Series Switches (front-to-rear airflow)
PWR-745AC-R
Spare 750 Watt AC power supply for Arista 7170 Series Switches (rear-to-front airflow)
PWR-747AC-RED
Spare 750 Watt AC power supply for Arista 7170 Switches (front-to-rear airflow)
PWR-747AC-BLUE
Spare 750 Watt AC power supply for Arista 7170 Switches (rear-to-front airflow)
PWR-1900-DC-F
Spare 1900W DC Power Supply for Arista 7170 Series Series Switches (front to rear airflow switch)
PWR-1900-DC-R
Spare 1900W DC Power Supply for Arista 7170 Series Switches (rear to front airflow switch)
FAN-7002-F
Spare fan module for Arista 7050X/7250X, 7260QX, 7170 2RU and 7300 switches (front-to-rear airflow)
FAN-7002-R
Spare high speed fan module for Arista 7260X, 7280R, 7170 2RU and 7320X switches (rear to front airflow)
FAN-7000H-F
Spare high speed fan module for Arista 7060X, 7170, 7280R 1RU switches (rear to front airflow)
FAN-7000H-R
Spare high speed fan module for Arista 7060X, 7170, 7280R 1RU switches (rear to front airflow)
KIT-7002
Spare tool-free accessory kit (v2) for 2RU Arista switches. 2-post & 4-post mount. (2x C13-C14, 2m)
KIT-2POST
Spare 2RU 2 post rack mount installation kit for Arista 7250 / 7050 and 7170/7260X switches
KIT-7001
Spare tool-free accessory kit (v2) for 1RU Arista switches. 2-post & 4-post mount. (2x C13-C14, 2m)
KIT-2POST-1U-NT
Spare tool-free 2-post mount kit (v2) for 1RU Arista tool-free switches
KIT-4POST-NT
Spare tool-free 4-post mount kit (v2) for 1RU Arista tool-free switches
KIT-GND-EXT-2RU
Arista 7000 Series 2RU Ground Extender Kit for NEBS compliance (All 7170 2RU models)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com