Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-Q0605-2N2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-Q0605-2N2
Description  Ceramic Wirewound RF Inductor (AEC-Q200)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-Q0605-2N2 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-Q0605-2N2 Datasheet HTML 1Page - Abracon Corporation AISC-Q0605-2N2 Datasheet HTML 2Page - Abracon Corporation AISC-Q0605-2N2 Datasheet HTML 3Page - Abracon Corporation AISC-Q0605-2N2 Datasheet HTML 4Page - Abracon Corporation AISC-Q0605-2N2 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Ceramic Wirewound RF Inductor (AEC-Q200)
AISC-Q0603 Series
1.80 x 1.12 x 1.02 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/21/2023
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Part
Number
Inductance
Code
L
(nH)
Tolerance
Q
L/Q Test
SRF
DCR
IDC
Min 900MHz
1.7GHz
Freq
Min
Max
Max
(MHz)
(GHz)
(Ω)
(mA)
18N
18
G, J, K
35
70
69
250
3.10
0.170
700
20N
20
G, J, K
40
80
30
250
3.00
0.190
700
22N
22
G, J, K
38
73
71
250
3.00
0.190
700
23N
23
G, J, K
38
71
71
250
2.85
0.190
700
24N
24
G, J, K
38
45
40
250
2.80
0.130
700
27N
27
G, J, K
40
74
65
250
2.80
0.220
600
30N
30
G, J, K
40
47
28
250
2.80
0.150
600
33N
33
G, J, K
40
67
42
250
2.30
0.220
600
36N
36
G, J, K
37
47
24
250
2.30
0.250
600
39N
39
G, J, K
40
60
40
250
2.20
0.250
600
43N
43
G, J, K
38
44
21
200
2.00
0.280
600
47N
47
G, J, K
38
62
35
200
2.00
0.280
600
51N
51
G, J, K
38
69
34
200
1.90
0.280
600
56N
56
G, J, K
38
56
26
200
1.90
0.310
600
62N
62
G, J, K
37
40
10
200
1.80
0.340
600
68N
68
G, J, K
37
54
21
200
1.70
0.340
600
72N
72
G, J, K
34
53
20
150
1.70
0.490
600
82N
82
G, J, K
34
54
21
150
1.70
0.540
400
91N
91
G, J, K
30
50
6
150
1.70
0.500
400
R10
100
G, J, K
34
49
13
150
1.40
0.580
400
R11
110
G, J, K
32
43
15
150
1.35
0.610
300
R12
120
G, J, K
32
39
8
150
1.30
0.650
300
R13
130
G, J, K
30
60
-
150
1.40
0.720
300
R14
140
G, J, K
28
80
-
100
1.30
0.870
280
R15
150
G, J, K
28
25
-
100
1.30
0.950
280
R16
160
G, J, K
25
20
-
100
1.30
1.400
280
R18
180
G, J, K
25
22
-
100
1.25
1.400
250
R22
220
G, J, K
25
21
-
100
1.20
1.600
250
R26
260
G, J, K
25
21
-
100
1.00
2.000
200
R27
270
G, J, K
25
19
-
100
0.90
2.100
200
R28
280
G, J, K
25
18
-
100
1.00
2.400
100
R30
300
G, J, K
25
21
-
100
0.75
2.500
150
R33
330
G, J, K
25
20
-
100
0.90
3.800
100
R39
390
G, J, K
25
29
-
100
0.90
4.350
100
R47
470
G, J, K
23
-
-
100
0.60
3.600
80
Electrical Specifications (Cont’d)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com