Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

010SC Datasheet(PDF) 1 Page - France Joint

Part # 010SC
Description  SANITARY SEALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

010SC Datasheet(HTML) 1 Page - France Joint

  010SC Datasheet HTML 1Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
The BECA 010 SC profile is an
O'Ring used for sterile fittings, in line
with standard DIN 11866, Series C
MATERIALS
CR
Peroxyde EPDM
FKM
NBR  
Virgin PTFE
VMQ
SANITARY SEALS
BECA
010 SC
|
DIMENSIONS
Part number
Nominal
diameter ØDN
Inch
Inside diameter Ød1
Tolerance Ød1
O’Ring cross-section Ød2
Tolerance Ød2
010.SC012
1/2"
12.00
+/-0.21
3.50
+/-0.10
010.SC018
3/4"
18.00
+/-0.25
3.50
+/-0.10
010.SC024
1"
24.00
+/-0.29
3.50
+/-0.10
010.SC037
1 1/2"
37.00
+/-0.39
5.00
+/-0.13
010.SC050
2"
50.00
+/-0.48
5.00
+/-0.13
010.SC062
2 1/2"
62.00
+/-0.56
5.00
+/-0.13
010.SC075
3"
75.00
+/-0.66
5.00
+/-0.13
010.SC100
4"
100.00
+/-0.83
5.00
+/-0.13
Ød2
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
SANITARY SEALS | |
BECA 010 SC


Similar Part No. - 010SC

ManufacturerPart #DatasheetDescription
logo
France Joint
010SA FRANCEJOINT-010SA Datasheet
291Kb / 1P
SANITARY SEALS
010SAEJ518 FRANCEJOINT-010SAEJ518 Datasheet
349Kb / 2P
STATIC SEALS
More results

Similar Description - 010SC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Gray
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
HARTING Technology Grou...
19-44-310-0306 HARTING-19-44-310-0306 Datasheet
484Kb / 2P
Han-INOX 10B-HBM-SL FKM seals
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com