Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

005.0220175 Datasheet(PDF) 2 Page - France Joint

Part # 005.0220175
Description  WEAR RINGS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

005.0220175 Datasheet(HTML) 2 Page - France Joint

  005.0220175 Datasheet HTML 1Page - France Joint 005.0220175 Datasheet HTML 2Page - France Joint 005.0220175 Datasheet HTML 3Page - France Joint 005.0220175 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.francejoint.com
L1
R2=0,2mm
R1
C
E
Z
|
INSTALLATION DIMENSIONS
ISO 10766
Bore diameter
Groove diameter
Groove width
Seal
thickness
Gap
ØD1 H9
Ød1 h8
L1 0/+0.20
E
Z +/-0.50
*
16.0 - 50.0
D1 - 3.10
4.00
1.55
1.00
*
16.0 - 125.0
D1 - 5.00
5.60
2.50
1.25
*
25.0 - 250.0
D1 - 5.00
9.70
2.50
1.25
*
80.0 - 500.0
D1 - 5.00
15.00
2.50
1.25
*
125.0 - 999.9
D1 - 5.00
25.00
2.50
1.25
*
280.0 - 999.9
D1 - 8.00
25.00
4.00
2.00
Other dimensions are possible, not taking ISO 10766 into consideration. Please contact our experts
|
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Material _________ : Phenolic resin PF
Bore diameter ____ : ØD1 = 50.00 mm
Groove diameter __ : Ød1 + 45.00 mm
Groove width _____ : L1 = 5.60 mm
Part number______ : 005.0500455
Family
Bore diameter
Groove diameter
Groove width
005.
050
045
5
Part number -
GUIDING COMPONENTS | WEAR RINGS |
BECA 005 PISTON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com