Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR306 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR306
Description  3.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR306 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR306 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR306 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 98 -
SR302 THRU SR310
3.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
20 to 100 Volts
Current
3.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: DO-201AD molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
OC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.1 grams
DO-201AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SR
302
SR
303
SR
304
SR
305
SR
306
SR
309
SR
310
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
80
150
A
Maximum Instantaneous Forward Voltage
@3.0A
VF
0.55
0.70
0.85
V
Maximum D.C. Reverse Current
@ TA=25
℃
at Rated DC Blocking Voltage
@ TA=100
℃
IR
0.5
30
0.6
20
mA
mA
Typical Thermal Resistance (Note 1)
R
θJA
R
θJC
50
15
℃/W
Typical Junction Capacitance (Note 2)
Cj
200
130
72
pF
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SR306

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR306 MOSPEC-SR306 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
logo
Jinan Gude Electronic D...
SR306 JGD-SR306 Datasheet
143Kb / 2P
3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR306 DIODES-SR306 Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23025 Rev. 5 - 3
logo
Micro Commercial Compon...
SR306 MCC-SR306 Datasheet
79Kb / 2P
3 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
Taiwan Semiconductor Co...
SR306 TSC-SR306 Datasheet
164Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR306

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR302 JGD-SR302 Datasheet
143Kb / 2P
3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRAD320 TSC-SRAD320 Datasheet
52Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820 Datasheet
245Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820_1 Datasheet
63Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_1 Datasheet
164Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SS32 TSC-SS32_1 Datasheet
142Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR320 YANGJIE-SR320 Datasheet
694Kb / 2P
3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR302 TSC-SR302_09 Datasheet
210Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820_10 Datasheet
397Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_10 Datasheet
194Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com