Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOG01 Datasheet(PDF) 2 Page - Rakon Limited

Part # MOG01
Description  Frequency Multiplier by 10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

MOG01 Datasheet(HTML) 2 Page - Rakon Limited

  MOG01 Datasheet HTML 1Page - Rakon Limited MOG01 Datasheet HTML 2Page - Rakon Limited MOG01 Datasheet HTML 3Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Frequency Multiplier by 10
MO G01
MO G01 Revision B April 2013
2 / 3
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y t o p r o v i d e
o p t i m u m p e r f o r m a n c e a n d c o s t
Specifications
1.0
Environmental conditions
Line
Parameter
Test Condition
Value
Unit
1.1
Temperature range
0 to +50
°C
1.2
Storage temperature
-40 to +85
°C
1.3
Shock
As per MIL-PRF-28800F, Class 3, test equipment
1.4
Vibration
As per MIL-PRF-28800F, Class 3, test equipment
2.0
Electrical Interface
Line
Parameter
Test Condition
Value
Unit
2.1
Supply voltage
Pin 2
+8
± 0.2
V
2.2
Source impedance
Pin 1
50
Ω
2.3
Load impedance
Pin 3
50
Ω
3.0
Performances
Line
Parameter
Test Condition
Value
Unit
3.1
Input frequency
320
MHz
3.2
Multiplication factor
10
-
3.3
Input level
50
Ω source impedance
+12
± 1
dBm
3.4
Output level
At 3.2GHz
+10
± 1
dBm
3.5
Harmonics
NxF, N
≠ 10 & N < 20
< -40
dBc
3.6
Additional phase noise
In excess of 20 dB multiplication factor < 5
dB
3.7
Power consumption
< 2
W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com