Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYVB32-100 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYVB32-100
Description  Ultrafast Power Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYVB32-100 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYVB32-100 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYVB32-100 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Power Diode
BYVB32-100
www.iscsemi.com
1
FEATURES
· High thermal cycling performance
· Low on-state losses
· Low thermal resistance
· Soft recovery characteristic
APPLICATIONS
· Switched mode power supplies
· Power Factor Correction (PFC) for Interleaved Topology
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
100
V
IF(AV)
Average Rectified Forward Current
δ
= 0.5 ; TC ≤ 125°C;
18
A
IFSM
Non-repetitive Peak Surge Current
tp=10ms,sinusoidal,per diode
150
A
TJ
Max.Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
Per diode
1.6
℃
/W
3
2
1
TO-220C Package
1
3
2
Pin 1 Anode
2 Cathode
3 Anode


Similar Part No. - BYVB32-100

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYVB32-100 GE-BYVB32-100 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-May-08
More results

Similar Description - BYVB32-100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NUR460 NXP-NUR460 Datasheet
389Kb / 10P
Ultrafast power diode
Rev. 2-20 July 2011
BYR29X-600 PHILIPS-BYR29X-600_15 Datasheet
173Kb / 12P
Ultrafast power diode
Rev. 02-15 July 2010
BYV10ED-600P PHILIPS-BYV10ED-600P_15 Datasheet
194Kb / 11P
Ultrafast power diode
24 July 2015
logo
WeEn Semiconductors
BYR5D-1200P WEEN-BYR5D-1200P Datasheet
383Kb / 10P
Ultrafast power diode
BYT79B-600P WEEN-BYT79B-600P Datasheet
375Kb / 10P
Ultrafast power diode
BYV5ED-600P WEEN-BYV5ED-600P Datasheet
458Kb / 10P
Ultrafast power diode
BYV10-600P WEEN-BYV10-600P Datasheet
619Kb / 10P
Ultrafast power diode
BYV29G-600 WEEN-BYV29G-600 Datasheet
515Kb / 10P
Ultrafast power diode
BYV29G-600P WEEN-BYV29G-600P Datasheet
438Kb / 10P
Ultrafast power diode
BYV29X-600P WEEN-BYV29X-600P Datasheet
482Kb / 10P
Ultrafast power diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com