Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT05 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDX4ACT05
Description  CDx4ACT05 Hex Inverters With Open-Drain Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT05 Datasheet(HTML) 1 Page - Texas Instruments

  CDX4ACT05 Datasheet HTML 1Page - Texas Instruments CDX4ACT05 Datasheet HTML 2Page - Texas Instruments CDX4ACT05 Datasheet HTML 3Page - Texas Instruments CDX4ACT05 Datasheet HTML 4Page - Texas Instruments CDX4ACT05 Datasheet HTML 5Page - Texas Instruments CDX4ACT05 Datasheet HTML 6Page - Texas Instruments CDX4ACT05 Datasheet HTML 7Page - Texas Instruments CDX4ACT05 Datasheet HTML 8Page - Texas Instruments CDX4ACT05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
CDx4ACT05 Hex Inverters With Open-Drain Outputs
1 Features
• Inputs are TTL-voltage compatible
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015
2 Description
The
'ACT05
devices
contain
six
independent
inverters.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CD54ACT05
J (CDIP, 14)
19.55mm x 7.9mm 19.55 mm x 6.7mm
CD74ACT05
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
N (PDIP, 14)
19.3mm × 9.4mm
19.3mm × 6.35mm
PW (TSSOP, 14)
5mm × 6.4mm
5mm × 4.4mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Y
A
CD54ACT05, CD74ACT05
SCHS311E – JANUARY 2001 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDX4ACT05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDX4ACT05 TI1-CDX4ACT05 Datasheet
1Mb / 30P
CDx4ACT05 Hex Inverters With Open-Drain Outputs
NOVEMBER 2024
More results

Similar Description - CDX4ACT05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
Hex Inverters (with Open Drain Outputs)
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
Hex Inverters with Open Drain Outputs
logo
Diodes Incorporated
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 4
logo
Texas Instruments
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com