Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54ACT05 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD54ACT05
Description  CDx4ACT05 Hex Inverters With Open-Drain Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54ACT05 Datasheet(HTML) 3 Page - Texas Instruments

  CD54ACT05 Datasheet HTML 1Page - Texas Instruments CD54ACT05 Datasheet HTML 2Page - Texas Instruments CD54ACT05 Datasheet HTML 3Page - Texas Instruments CD54ACT05 Datasheet HTML 4Page - Texas Instruments CD54ACT05 Datasheet HTML 5Page - Texas Instruments CD54ACT05 Datasheet HTML 6Page - Texas Instruments CD54ACT05 Datasheet HTML 7Page - Texas Instruments CD54ACT05 Datasheet HTML 8Page - Texas Instruments CD54ACT05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1A
1Y
2A
2Y
3A
3Y
GND
6A
6Y
5A
5Y
4A
V
CC
4Y
Figure 3-1. CD54ACT05 J Package, 14-Pin CDIP;
CD74ACT05 D, N, or PW Package; 14-Pin SOIC,
PDIP, or TSSOP (Top View)
1Y
2A
2Y
3A
3Y
GND
6A
6Y
5A
5Y
4A
4Y
PAD
1A
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 3-2. CD74ACT05 BQA Package, 14-Pin
WQFN
Table 3-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
CD74ACT05
CD54ACT05
BQA, D, N, PW
J
1A
1
1
I
1A Input
1Y
2
2
O
1Y Output
2A
3
3
I
2A Input
2Y
4
4
O
2Y Output
3A
5
5
I
3A Input
3Y
6
6
O
3Y Output
GND
7
7
—
Ground Pin
4Y
8
8
O
4Y Output
4A
9
9
I
4A Input
5Y
10
10
I
5Y Output
5A
11
11
I
5A Input
6Y
12
12
O
6Y Output
6A
13
13
I
6A Input
VCC
14
14
—
Power Pin
NC
—
—
—
No Connection
Thermal pad
—
Connect the GND pin to the exposed thermal pad for correct
operation. Connect the thermal pad to any internal PCB ground
plane using multiple vias for good thermal performance.
(1)
I = input, O = output, P = power, FB = feedback, GND = ground, N/A = not applicable
www.ti.com
CD54ACT05, CD74ACT05
SCHS311E – JANUARY 2001 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54ACT05 CD74ACT05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com