Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRAS820 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS820
Description  8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS820 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRAS820 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS820 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SRAS820 THRU SRAS8150)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.5- TYPICAL JUNCTION CAPACITANCE
.1
.4
1.0
4
10
40
100
100
200
400
600
1000
800
2000
4000
REVERSE VOLTAGE. (V)
0
Tj=25 C
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
10
8
6
4
2
0
o
CASE TEMPERATURE. ( C)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
.001
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0
Tj=125
C
0
Tj=25 C
0
Tj=75 C
0
140
Version: B07
175
150
125
100
75
50
25
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION. (sec)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1
10
50
FORWARD VOLTAGE. (V)
o
Tj=25 C
Pulse Width=300 s
1% Duty Cycle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com