Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 32 Page - Texas Instruments

Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCDB2000_V02 Datasheet HTML 27Page - Texas Instruments CDCDB2000_V02 Datasheet HTML 28Page - Texas Instruments CDCDB2000_V02 Datasheet HTML 29Page - Texas Instruments CDCDB2000_V02 Datasheet HTML 30Page - Texas Instruments CDCDB2000_V02 Datasheet HTML 31Page - Texas Instruments CDCDB2000_V02 Datasheet HTML 32Page - Texas Instruments CDCDB2000_V02 Datasheet HTML 33Page - Texas Instruments CDCDB2000_V02 Datasheet HTML 34Page - Texas Instruments CDCDB2000_V02 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.9
0.8
0.05
0.00
5.5
TYP
5.5 TYP
0.5
TYP
0.5 TYP
80X
0.3
0.2
2.8 0.1
B
6.1
5.9
A
6.1
5.9
(0.725)
(0.725)
(0.125)
(0.125)
4224877/A 03/2019
TLGA - 0.9 mm max height
NPP0080A
THIN LAND GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
CORNER
PIN A1
SEATING PLANE
0.08 C
A
1
2
3
0.1
C A B
0.05
C
4
5
6
7
8
9
10
11
12
SYMM
SYMM
B
C
D
E
F
G
H
J
K
L
M
PIN 1 ID
(45 X 0.35)
SCALE 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com