Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRAS2020 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS2020
Description  20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS2020 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRAS2020 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS2020 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SRAS2020 THRU SRAS20150)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
1
2
3
4
1.5
5 6
9
8
7
10
25
20
15
30
100
60
40
80
20
100
300
400
200
NUMBER OF CYCLES AT 60Hz
60
80
40
2.5
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
0
4.0
8.0
12.0
16.0
20.0
o
CASE TEMPERATURE. ( C)
Version: C07
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
.001
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0
Tj=125
C
0
Tj=2
5 C
0
Tj=7
5 C
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
1
0.01
0.1
10
100
0.1
10.0
1
100
T, PULSE DURATION. (sec)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
PER LEG
.2
.3
.4
.5
.6
.7
.8
.9
0.1
1.0
10
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1
10
100
100
1,000
5,000
REVERSE VOLTAGE. (V)
0
Tj=25C
f=1.0MHz
Vsig=50mVp-p
1.0
SR
AS
20
20
-2
04
0
0
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com