Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT8U100AX Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT8U100AX
Description  FT8U100AX Seven Port USB Hub Controller with Embedded Peripheral Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT8U100AX Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT8U100AX Datasheet HTML 9Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 10Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 11Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 12Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 13Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 14Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 15Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 16Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Future Technology Devices Intl.
FT8U100AX Product Data Rev 0.90
Page 13
Differential Driver Characteristics – High Speed
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tr
Rise time
VDD = 3.0 to 3.6V
CL = 50pF
8
12
nS
tf
Fall time
VDD = 3.0 to 3.6V
CL = 50pF
8
12
nS
VCR
Cross Over Voltage
VDD = 3.0 to 3.6V
CL = 50pF
1.8
V
trfmch
Rise/Fall time
matching
VDD = 3.0 to 3.6V
CL = 50pF
90
110
%
Differential Driver Characteristics – Low Speed
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tr
Rise time
VDD = 3.0 to 3.6V
CL = 50pF
85
215
nS
tf
Fall time
VDD = 3.0 to 3.6V
CL = 50pF
95
255
nS
VCR
Cross Over Voltage
VDD = 3.0 to 3.6V
CL = 50pF
1.6
V
trfmch
Rise/Fall time
matching
VDD = 3.0 to 3.6V
CL = 50pF
80
120
%
The differential receiver must exhibit input sensitivity of at least 200mV when both differential data inputs are in the
differential common mode range of 0.8 to 2.5V as shown above. These values are shown in the DC Characteristics
table on page 9.
Differential Input Sensitivity Range
The single ended receivers are standard CMOS buffers with adjusted thresholds and which exhibit hysteresis –
necessary to reduce sensitivity to noise (see VHYS on the DC Characteristcs table, page 9).
Common Mode Input Voltage (volts
)
0.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.2
0.4
0.6
0.8
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com