Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCS-710P Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # CCS-710P
Description  CCS-710P Compact Series Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCS-710P Datasheet(HTML) 2 Page - Arista Networks, Inc

  CCS-710P Datasheet HTML 1Page - Arista Networks, Inc CCS-710P Datasheet HTML 2Page - Arista Networks, Inc CCS-710P Datasheet HTML 3Page - Arista Networks, Inc CCS-710P Datasheet HTML 4Page - Arista Networks, Inc CCS-710P Datasheet HTML 5Page - Arista Networks, Inc CCS-710P Datasheet HTML 6Page - Arista Networks, Inc CCS-710P Datasheet HTML 7Page - Arista Networks, Inc CCS-710P Datasheet HTML 8Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
710P Campus PoE | Model Overview
Cognitive Campus
Arista’s family of switching and WiFi platforms are managed through a single Cognitive Management Plane in CloudVision. Real time
telemetry, time series database for after the fact troubleshooting with sub second granularity, and AI/ML powered analytics to monitor
the infrastructure, users and applications on the Network. Rich change control used to simplify and automate the deployment and
maintenance of campus infrastructure.
Cognitive Segmentation
The CCS-710 compact series supports industry standard 802.1X and RADIUS authentication and interoperates with leading
authentication solutions. Authorized users and devices can be placed into policy assigned VLAN segments in the network, automating
the network layer of zero trust architecture. EVPN VXLAN features are supported, providing additional methodologies to meet or exceed
your segmentation and security policies.
Cognitive Continuous PoE
Continuous PoE enables powering downstream devices even when the system is rebooted on a per port basis. Providing uninterrupted
power to a devices and eliminates the need for a backup power source. The CCS-710P-16P has one PoE input port that gives the ability
to power itself and PoE end devices by drawing 802.3bt up to 90W from the wiring closet.
POE for Workspaces
The CCS-710 delivers PoE networking in a compact, light weight and fanless form factor. It supports new scenarios for deploying
powered ethernet  outside the wiring closet and into conference rooms,  retail environments,  remote or temporary workspaces, or
sensitive locations such as classrooms and broadcast control booths where traditional fan cooled systems are too noisy or  ambient
cooling is preferred to forced air.
Power supplies
The CCS-710 compact series switches are powered by external 150W or 280W power supplies
providing a choice of PoE budget of 100W or 230W. The 710P-16P can also be powered through the
5 Gigabit PoE PSE uplink port, drawing up to 90W (802.3bt Type 4) of power from an upstream PoE
switch. The CCS-710’s modest 40W system power requirement offers administrators a variety of POE
subscriber budgets allowing them to optimize their equipment and power budget for workspace
POE applications even when powered from upstream PoE switches.
Arista Optics and Cables
The Arista 710P series supports a wide range of 1G and 10G pluggable optics and cables. For details about the different optical modules
and the minimum EOS Software release required for each of the supported optical modules, visit https://www.arista.com/en/products/
transceivers-cables
Mounting Options
The CCS-710's modern aesthetics work in office desktop use cases. The optional magnetic mount allows the compact switch to be
mounted to metal fixtures, in either vertical or under-counter applications. The optional “L” bracket kit, allows fixing to bottom/top flat
surfaces. The optional 19" rack mount kit allows the switch and its external power supply to be installed in common IDF or datacenter
racks. The DIN rail mount option allows the switch to be deployed in manufacturing or warehousing environments. 
Arista 710P Series Power
Arista 710P -16P Switch
Arista 710P -12 Switch



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com