Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720XP-96ZC2 Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # 720XP-96ZC2
Description  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-96ZC2 Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button 720XP-96ZC2 Datasheet HTML 3Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 4Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 5Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 6Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 7Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 8Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 9Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 10Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
720XP Campus PoE | Platform Features
1 Typical 20% traffic @24C max:100% @46C
Specifications (mGig Platforms)
Feature/Model
720XP-96ZC2
720XP-96ZC2-M-S
720XP-48ZC2
720XP-24ZY4
720XP-48TXH-2C-S
Ports
96 RJ45
4 25G SFP
2 100G QSFP
48 RJ45
4 25G SFP
2 100G QSFP
24 RJ45
4 25G SFP
48 RJ45
4 25G SFP
2 100G QSFP
100M-2.5G UTP (30W 802.3af/at)
0
40
16
0
100M-2.5G UTP (60W 802.3bt)
80
0
0
0
100M-5G UTP (60W 802.3bt)
16
8
8
0
100M-10G UTP (90W 802.3bt)
0
0
0
48
25G SFP
4
4
4
4
100G QSFP
2
2
N/A
2
Throughput (FDX)
580 (1160) Gbps
440 (880) Gbps
180 (360) Gbps
780 (1560) Gbps
Packets/Second
863 Mpps
654 Mpps
268 Mpps
1160 Mpps
Latency (RJ-45)
1.2 microseconds
CPU
Dual Core-x86
System Memory
720XP-96ZC2: 4 GB
720XP-96ZC2-M-S: 8 GB
4 GB
4 GB
8 GB
System Flash
8 GB
16 GB
Packet Buffer
16 MB
8 MB
8 MB
8 MB
USB Ports
1
Console Ports
1
100M/1G Management port
1
Airflow
Front-Rear
Front-Rear
Front-Rear
Front-Rear
Power Typical/Max1
(excluding PoE)
216 W / 236 W
141 W / 156 W
141 W / 156 W
168 W / 199 W
Size (WxHxD)
17.3 x 3.46 x 15.9 inches
(44.0 x 8.8 x 40.5cm)
17.3 x 1.75 x 12.5 inches
(44.0 x 4.4 x 31.75 cm)
17.3 x 1.73 x 14.76 inches
(44.0 x 4.4 x 37.5 cm)
Weight
31 lb (14.1 kg)
15.6 lbs (7 kg)
13.6 lbs (6.2 kg)
13.25 lbs (6 kg)
Fans: 3 (N+1 redundant)
FAN-752M-RED
FAN-7000-F
FAN-7000-F
FAN-7000-F
Maximum Power Supply
4
2
2
2
Power Supply
PWR-1021-AC
PWR-2021-AC
PWR-521-DC
PWR-621-AC
PWR-1021-AC
PWR-2021-AC
PWR-521-DC
PWR-621-AC
PWR-1021-AC
PWR-521-DC
PWR-1021-AC
PWR-2021-AC
PWR-521-DC
EOS License Group (LIC-FIX)
G3
G3
G2
G3
CloudVision License Group
G3
G3
G2
G3
Minimum EOS
720XP-96ZC2: 4.24(FX)
720XP-96ZC2-M-S: 4.32.1
4.21
4.21
4.30.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com