Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TISP4290LP Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TISP4290LP
Description  SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4290LP Datasheet(HTML) 1 Page - Power Innovations Ltd

  TISP4290LP Datasheet HTML 1Page - Power Innovations Ltd TISP4290LP Datasheet HTML 2Page - Power Innovations Ltd TISP4290LP Datasheet HTML 3Page - Power Innovations Ltd TISP4290LP Datasheet HTML 4Page - Power Innovations Ltd TISP4290LP Datasheet HTML 5Page - Power Innovations Ltd TISP4290LP Datasheet HTML 6Page - Power Innovations Ltd TISP4290LP Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TISP4290LP
SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
PRODUCT
INFORMATION
1
APRIL 1987 - REVISED SEPTEMBER 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
TELECOMMUNICATION SYSTEM SECONDARY PROTECTION
q
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
q
Planar Passivated Junctions
Low Off-State Current
< 10 µA
q
Rated for International Surge Wave Shapes
q
Package Options
q
UL Recognized, E132482
description
The TISP4290LP is designed specifically for
telephone equipment protection against lightning
and transients induced by a.c. power lines.
These
devices
consist
of
a
bidirectional
suppressor element connecting the A and B
terminals. They will suppress inter-wire voltage
transients.
Transients are initially clipped by zener action
until the voltage rises to the breakover level,
which causes the device to crowbar. The high
crowbar holding current prevents d.c. latchup as
the transient subsides.
DEVICE
V(Z)
V
V(BO)
V
‘4290LP
200
290
WAVE SHAPE
STANDARD
ITSP
A
8/20 µs
ANSI C62.41
150
0.2/310 µs
RLM 88
38
10/700 µs
VDE 0433
CCITT IX K17
50
38
PACKAGE
PACKING
PART # SUFFIX
LP
Bulk
None
LP with fomed leads
Tape and Reel
R
These
monolithic
protection
devices
are
fabricated in ion-implanted planar structures to
ensure precise and matched breakover control
and are virtually transparent to the system in
normal operation.
device symbol
LP PACKAGE
WITH FORMED LEADS
(TOP VIEW)
NC - No internal connection
NC
A(T)
B(R)
MD4XAF
1
2
3
LP PACKAGE
(TOP VIEW)
MDTRAB
1
2
3
NC
A(T)
B(R)
NC - No internal connection


Similar Part No. - TISP4290LP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4290L3AJ BOURNS-TISP4290L3AJ Datasheet
352Kb / 11P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290L3AJR BOURNS-TISP4290L3AJR Datasheet
352Kb / 11P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290L3AJR-S BOURNS-TISP4290L3AJR-S Datasheet
352Kb / 11P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4290LP

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4072F3 POINN-TISP4072F3 Datasheet
301Kb / 12P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4082 POINN-TISP4082 Datasheet
103Kb / 5P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4082LP POINN-TISP4082LP Datasheet
132Kb / 7P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4125F3 POINN-TISP4125F3 Datasheet
326Kb / 12P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4160LP POINN-TISP4160LP Datasheet
134Kb / 7P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4180 POINN-TISP4180 Datasheet
167Kb / 9P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4240F3 POINN-TISP4240F3 Datasheet
336Kb / 13P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4240LP POINN-TISP4240LP Datasheet
132Kb / 7P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4290 POINN-TISP4290 Datasheet
116Kb / 6P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com