Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST4S-RKT4S-703SW Datasheet(PDF) 2 Page - Belden Inc.

Part # RST4S-RKT4S-703SW
Description  M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin(3PE), S-coded, black body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RST4S-RKT4S-703SW Datasheet(HTML) 2 Page - Belden Inc.

  RST4S-RKT4S-703SW Datasheet HTML 1Page - Belden Inc. RST4S-RKT4S-703SW Datasheet HTML 2Page - Belden Inc. RST4S-RKT4S-703SW Datasheet HTML 3Page - Belden Inc. RST4S-RKT4S-703SW Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Specifications
Face View Side 1
Pin 1
Pin 2
Pin 3
PE
black 1 black 2 black 3 green-yellow
Face View Side 2
Pin 1
Pin 2
Pin 3
PE
black 1 black 2 black 3 green-yellow
Product Description
Product Family:
Power Connector
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended
Shielding:
Unshielded
Rated Voltage:
630 V
Rated Voltage (UL):
600 V
Rated Impulse Voltage:
6.0 kV
Operating Voltage:
600 V AC/DC
Rated Current*:
16 A
Rated Current (UL)*:
16 A
Technical Data Side 1
Product Sub Family:
M12 Power
Type of Contact / Gender:
male
Connector Design:
straight
Attachment Type:
Coupling Screw
Number of Pins:
4(3+PE)
Coding:
S
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Mating Cycles:
≤ 100
Ambient Temperature (Operation)*:
-40 °C to +125 °C, notice derating
Protection Degree / IP Rating**:
IP65, IP67, IP69K
Design Standard:
IEC 61076-2-111
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Clearance / Creepage Distance:
DIN EN 60664-1 (2008/01); VDE 0110-1
Overvoltage Category:
III acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material:
CuNi
Contact Plating:
Cu/Au
Contact Bearer Material:
PBT GF
Contact Bearer Color:
black
Flammability Class (Contact Bearer):
UL 94 V-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com