Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSWT4L-RKT4L-996SW Datasheet(PDF) 1 Page - Belden Inc.

Part # RSWT4L-RKT4L-996SW
Description  M12 Power Double-Ended Cordset: Male angled to Female straight, 4-pin, L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSWT4L-RKT4L-996SW Datasheet(HTML) 1 Page - Belden Inc.

  RSWT4L-RKT4L-996SW Datasheet HTML 1Page - Belden Inc. RSWT4L-RKT4L-996SW Datasheet HTML 2Page - Belden Inc. RSWT4L-RKT4L-996SW Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RSWT 4L-RKT 4L-996 SW
M12 Power Double-Ended Cordset: Male angled to Female straight, 4-pin,
L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²
Product Description
M12 Power Double-Ended Cordset: Male angled to Female straight, 4-pin, L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²
Technical Drawing
Technical Specifications
Product Description
Product Family:
Power Connector
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended


Similar Part No. - RSWT4L-RKT4L-996SW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSWT4L-RKT4L-993 BELDEN-RSWT4L-RKT4L-993 Datasheet
623Kb / 3P
M12 Power Double-Ended Cordset: Male angled to Female straight, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
RSWT4L-RKT4L-993/10M BELDEN-RSWT4L-RKT4L-993/10M Datasheet
623Kb / 3P
M12 Power Double-Ended Cordset: Male angled to Female straight, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
RSWT4L-RKT4L-993/2M BELDEN-RSWT4L-RKT4L-993/2M Datasheet
623Kb / 3P
M12 Power Double-Ended Cordset: Male angled to Female straight, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
RSWT4L-RKT4L-993/5M BELDEN-RSWT4L-RKT4L-993/5M Datasheet
623Kb / 3P
M12 Power Double-Ended Cordset: Male angled to Female straight, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
RSWT4L-RKT4L-995 BELDEN-RSWT4L-RKT4L-995 Datasheet
622Kb / 3P
M12 Power Double-Ended Cordset: Male angled to Female straight, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
More results

Similar Description - RSWT4L-RKT4L-996SW

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200660686 MOLEX-1200660686 Datasheet
34Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 0.60m (1.97) Length
01/31/2023
1200660690 MOLEX-1200660690 Datasheet
34Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 3.0m (9.84) Length
02/01/2023
1200660691 MOLEX-1200660691 Datasheet
34Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 4.0m (13.12) Length
02/02/2023
1200660692 MOLEX-1200660692 Datasheet
34Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 5.0m (16.40) Length
01/31/2023
1200660697 MOLEX-1200660697 Datasheet
34Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 15.0m (49.21) Length
01/31/2023
1300100871 MOLEX-1300100871 Datasheet
40Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 8.0m (26.25) Length
04/03/2023
1300100875 MOLEX-1300100875 Datasheet
40Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 12.0m (6.56) Length
04/03/2023
1300100886 MOLEX-1300100886 Datasheet
40Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 30.0m (98.40) Length
04/03/2023
1300100888 MOLEX-1300100888 Datasheet
40Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 38.0m (26.25) Length
03/11/2023
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com