Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT245BL Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT245BL
Description  USB FIFO ( USB - Parallel ) I.C.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245BL Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT245BL Datasheet HTML 16Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 18Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 19Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 20Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 21Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 22Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 23Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 24Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DS245BL Version 1.7
© Future Technology Devices Intl. Ltd. 2005
Page 21 of 24
FT245BL USB FIFO ( USB - Parallel ) I.C.
Figure 11
Bus Powered Circuit with Power Control
USB Bus powered circuits need to be able to power down in USB suspend mode in order to meet the <= 500uA total
suspend current requirement (including external logic). Some external logic can power itself down into a low current
state by monitoring the PWREN# pin. For external logic that cannot power itself down in that way, the FT245BL
provides a simple but effective way of turning off power to external circuitry during USB suspend.
Figure 11 shows how to use a discrete P-Channel Logic Level MOSFET to control the power to external logic
circuits. A suitable device could be a Fairchild NDT456P, or International Rectifier IRLML6402, or equivalent. It is
recommended that a “soft start” circuit consisting of a 1K series resistor and a 0.1 uF capacitor are used to limit the
current surge when the MOSFET turns on. Without the soft start circuit there is a danger that the transient power
surge of the MOSFET turning on will reset the FT245BL, or the USB host / hub controller. The values used here
allow attached circuitry to power up with a slew rate of ~12.5 V per millisecond, in other words the output voltage will
transition from GND to 5 V in approximately 400 microseconds.
Alternatively, a dedicated power switch I.C. with inbuilt “soft-start” can be used instead of a MOSFET. A suitable
power switch i.c. for such an application would be a Micrel (www.micrel.com) MIC2025-2BL or equivalent.
Please note the following points in connection with power controlled designs –
a) The logic to be controlled must have its own reset circuitry so that it will automatically reset itself when power is re-
applied on coming out of suspend.
b) Set the Pull-down on Suspend option in the FT245BL’s EEPROM.
c) For USB high-power bus powered device (one that consumes greater than 100 mA, and up to 500 mA of current
from the USB bus), the power consumption of the device should be set in the max power field in the EEPROM.
A high-power bus powered device must use this descriptor in the EEPROM to inform the system of its power
requirements.
d) For 3.3V power controlled circuits VCCIO must not be powered down with the external circuitry (PWREN# gets
its VCC supply from VCCIO). Either connect the power switch between the output of the 3.3V regulator and the
external 3.3V logic OR if appropriate power VCCIO from the 3v3OUT pin of the FT245BL.
Ferrite Bead
470R
0.1uF
VCC
27R
USB "B"
Connector
27R
USB DM
8
FT245BM
USB DP
7
V
C
C
V
C
C
V
C
C
I
O
3
26
13
1
2
3
4
33nF
3v3OUT
6
A
V
C
C
30
10nF
PWREN#
15
0.1uF
Switched 5v Power to
External Logic
P-Channel Power
MOSFET
s
g
d
0.1uF
1K
Soft Start
Circuit
FT245BL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com