Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS12
Description  1.0 AMP. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS12 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-53-
RATINGS AND CHARACTERISTIC CURVES (SS12 THRU SS110)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
0
10
20
40
30
50
NUMBER OF CYCLES AT 60Hz
AT RATED TL
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
90
100
110
120
170
160
150
140
130
0
.50
1.0
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
SS15-SS110
SS12- SS14
PCB MOUNTED ON 0.2X0.2"
(5.0X5.0mm) COPPER PAD AREAS
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10.0
50
FORWARD VOLTAGE. (V)
Tj=125 C
0
Tj=25 C
0
PULSE WIDTH=300 S
1% DUTY CYCLE
SS12-SS14
SS15-SS16
SS19-SS110
Tj=150 C
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
O
Tj=75 C
0
SS12-SS14
SS15-SS110
FIG.5- TYPICAL JUNCTION CAPACITANCE
.1
1.0
10
100
10
100
400
REVERSE VOLTAGE. (V)
SS12-SS14
SS15-SS16
SS19-SS110
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
160
140
120
100
80
60
40
20
0
04
8
12
16
20
24
28
32
VR , REVERSE VOLTAGE (VOLTS)
36
40
180
200
NOTE: TYPICAL CAPACITANCE
AT 0 V = 160 pF
FIG.6- TYPICAL CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com