Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS32
Description  3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS32 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS32 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS32 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-57-
RATINGS AND CHARACTERISTIC CURVES (SS32 THRU SS310)
FIG.6- TYPICAL TRANSIENT TERMAL IMPDANCE
1
0.01
0.1
10
100
0.1
10
1
100
t, PULSE DURATION, (sec)
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
50
70
90
130
110
150
NUMBER OF CYCLES AT 60Hz
AT RATED TL
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
90
100
110
120
160
150
140
130
0
1
2
3
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
SS32-SS34
SS35-SS310
PCB MOUNTED ON 0.6X0.6"
(16X16mm) COPPER PAD AREAS
TJ=150 C
0
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
40
FORWARD VOLTAGE. (V)
TJ=125 C
0
TJ=25 C
0
PULSE WIDTH=300 S
1% DUTY CYCLE
SS32-SS34
SS35-SS36
SS39-SS310
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
20
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=125 C
0
TJ=25 C
0
TJ=75 C
0
SS32-SS34
SS35-SS310
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
10
100
1000
REVERSE VOLTAGE. (V)
SS32-SS34
SS35-SS36
SS39-SS310
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com