Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS33 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS33
Description  3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS33 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 56 -
.129(3.27)
.118(3.0)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.060(1.52)
.030(0.76)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
SS32 THRU SS310
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range
20 to 100 Volts
Current
3.0 Amperes
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.21 gram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SS
32
SS
33
SS
34
SS
35
SS
36
SS
39
SS
310
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Maximum Average Forward Rectified Current
at TL(See Fig. 1)
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
(Note 1) @ 3.0A
VF
0.5
0.75
0.85
V
0.5
0.6
Maximum DC Reverse Current @ TA =25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
20
10.0
20
mA
mA
Typical Thermal Resistance ( Note 2 )
R
θJL
R
θJA
17
55
℃/W
℃/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes
: 1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.6 x 0.6”(16 x 16mm) Copper Pad Areas.


Similar Part No. - SS33

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS33 ZOWIE-SS33 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS33 SSE-SS33 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS33 FAIRCHILD-SS33 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS33 GE-SS33 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS33 MCC-SS33 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
More results

Similar Description - SS33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_1 Datasheet
130Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B Datasheet
56Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_1 Datasheet
258Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS32 TSC-SS32_1 Datasheet
142Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS32 YANGJIE-SS32 Datasheet
768Kb / 2P
3.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SK32B LUGUANG-SK32B Datasheet
264Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK32 LUGUANG-SK32 Datasheet
147Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
BR33 LUGUANG-BR33 Datasheet
1Mb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com