Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS215 Datasheet(PDF) 1 Page - AverLogic Technologies Inc

Part # AL4CS215
Description  256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL4CS215 Datasheet(HTML) 1 Page - AverLogic Technologies Inc

  AL4CS215 Datasheet HTML 1Page - AverLogic Technologies Inc AL4CS215 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AL4CS205/215/225/235/245
256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
Applications
-
Multimedia System
-
ATM Switches
-
Routers
-
Cable Modems
-
Wireless Base Stations
-
SONET(Synchronous Optical Network)
Multiplexers
-
TBC(Time Base Corrector)
-
Hard Disk cache memory
Description
The AL4CS2x5 series memory products are
high-performance,
low-power
18bit
read/write FIFO (First-In-First-Out) memory
chip designed to buffer high speed streaming
data for a wide range of applications. The
AL4CS2x5 FIFO memories are AverLogic
Technologies, Inc.’s new serial products that
are also specially designed to target at
various communication applications.
Ordering Information
Part number
AL4CS205, AL4CS215,
AL4CS225, AL4CS235, AL4CS245
Package
64-pin plastic TQFP and STQFP
Power Supply
+3.3V
±10%
TQFP, STQFP PACKAGE TOP VIEW
AL4CS2X5
X-XX-XX
XXXX
XXXXX
AVERLOGIC
64
17
32
33
16
1
48
49
Features
• High performance, low-power, FIFO(First-
In First-Out) memory
• 256 x 18 bit I/O port (AL4CS205)
• 512 x 18 bit I/O port (AL4CS215)
• 1K x18 bit 1/O port (AL4CS225)
• 2K x18 bit I/O port (AL4CS235)
• 4K x18 bit I/O port (AL4CS245)
• High clock speed (133MHz)
• Fully independent read/write access
• Empty, Full, Half Full and programmable
Almost Empty, Almost Full flags
• Output enable control (data skipping)
• Cascadable expansion in depth and width
• 3.3V±10% power supply with 5V signal
tolerant input
• Standard 64-pin TQFP and STQFP


Similar Part No. - AL4CS215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL4CS211 ETC1-AL4CS211 Datasheet
1Mb / 25P
Synchronous FIFO
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211 Datasheet
35Kb / 2P
512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
More results

Similar Description - AL4CS215

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com