Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS235 Datasheet(PDF) 2 Page - AverLogic Technologies Inc

Part # AL4CS235
Description  256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL4CS235 Datasheet(HTML) 2 Page - AverLogic Technologies Inc

  AL4CS235 Datasheet HTML 1Page - AverLogic Technologies Inc AL4CS235 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVERLOGIC TECHNOLOGIES, INC.
TEL
: 1 408 361-0400
e-mail: sales@averlogic.com
URL: www.averlogic.com
April 5, 2002
The 18bit input and output ports operate
independently at a maximum speed of 133
MHz.
The built-in address decoder and
pointer
managing
circuits
provide
a
straightforward
bus
interface
to
serially
read/write memory that reduces inter-chip
design efforts. The AL4CS2x5 embedded
memory array and high performance process
technologies
with
extended
controller
functions (read skip, fixed and programmable
status flags.. etc.) offer flexible memory
management.
These FIFOs support up to 18bit input and
output data bus-width that is controlled by
separate clock and enable signals respectively.
The input data is acquired at each rising edge
of a free running write clock while a write
enable control pin is asserted. The output data
is available after each rising edge of a free
running read clock while a read enable and
output enable control pins are asserted. When
output enable (/OE) is LOW, the data output
bus is active. If /OE is HIGH, the output data
bus will be in a high-impedance. This signal
can control whether the data is going to be
skipped during the read operation.
The
FIFO
Full/Empty,
Half-Full
and
programmable Almost Full/Almost Empty
flags are powerful functions that can help
controlling software to manipulate the FIFO
more easily or to do retransmit operation.
Multiple AL4CS2x5s can cascade to expand
the storage depth or provide a longer delay.
The FIFOs can be chained by looping connect
/WXO, /RXO pins of the first FIFO chip to
/WXI,
/RXI
pins
of
successive
chips
respectively and connect /WXO, /RXO pins of
last cascading chip to /WXI, /RXI pins of the
first FIFO chip. Expanding AL4CS2x5 data
bus width is also possible by using multiple
AL4CS2x5 chips in parallel.
These chips are available as a 64pin TQFP and
STQFP Package.
DISTRIBUTED BY:
RAM ARRAY
256 x18, 512 x18
1024 x18, 2048 x18
4096 x18
Input
Buffer
Output
Buffer
Write Control
Logic
Read Control
Logic
Flag Logic
Expansion Logic
Write Pointer
Read Pointer
Offset Regissers
Reset Logic
Input data bus
Output data bus
/OE
WCLK
/WEN
/LD
/RS
RCLK
/REN
/FF
/EF
/HF
/PAF
/PAE
/WXO
/RXO
/WXI
/RXI
AL4CS205/215/225/235/245 FIFO Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com