Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS221 Datasheet(PDF) 1 Page - AverLogic Technologies Inc

Part # AL4CS221
Description  512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL4CS221 Datasheet(HTML) 1 Page - AverLogic Technologies Inc

  AL4CS221 Datasheet HTML 1Page - AverLogic Technologies Inc AL4CS221 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AL4CS211/221/231/241/251
512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
Applications
-
Multimedia System
-
ATM Switches
-
Routers
-
Cable Modems
-
Wireless Base Stations
-
SONET(Synchronous Optical Network)
Multiplexers
-
TBC(Time Base Corrector)
-
Hard Disk cache memory
Description
The
AL4CS211/AL4CS221/AL4CS231/
AL4CS241/AL4CS251
series
memory
products are high-performance, low-power
9-bit read/write FIFO (First-In-First-Out)
memory chips. They are specially designed
to buffer high speed streaming data for a
wide range of communication applications,
such as optical disk controllers, Local Area
Networks (LANs), SONET (Synchronous
Optical Network).
Ordering Information
Part number
AL4CS211, AL4CS221,
AL4CS231, AL4CS241, AL4CS251
Package
32-pin plastic TQFP and PLCC
Power Supply
+3.3V
±10%
TQFP PACKAGE TOP VIEW
AVERLOGIC
AL4CS2X1
x-xx-xx
xxxx
xxxx
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
13
30
4
1
21
20
14
AVERLOGIC
AL4CS2X1
x-xx-xx
xxxx
xxxx
31
32
2
3
15
16
17
18
19
22
23
24
25
26
27
28
29
12
11
10
9
8
7
6
5
PLCC PACKAGE TOP VIEW
Features
• High performance, low-power, FIFO(First-
In First-Out) memory
• 512 x9 bit I/O port (AL4CS211)
• 1K x9 bit 1/O port (AL4CS221)
• 2K x9 bit I/O port (AL4CS231)
• 4K x9 bit I/O port (AL4CS241)
• 8K x9 bit I/O port (AL4CS251)
• High clock speed (133MHz)
• Fully independent read/write access
• Empty, Full, and programmable Almost
Empty, Almost Full flags
• Output enable control (data skipping)
• 3.3V power with 5V signal tolerant input
• Standard 32-pin TQFP and PLCC


Similar Part No. - AL4CS221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL4CS221 ETC1-AL4CS221 Datasheet
1Mb / 25P
Synchronous FIFO
More results

Similar Description - AL4CS221

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com