Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS231 Datasheet(PDF) 2 Page - AverLogic Technologies Inc

Part # AL4CS231
Description  512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL4CS231 Datasheet(HTML) 2 Page - AverLogic Technologies Inc

  AL4CS231 Datasheet HTML 1Page - AverLogic Technologies Inc AL4CS231 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVERLOGIC TECHNOLOGIES, INC.
TEL
: 1 408 361-0400
e-mail: sales@averlogic.com
URL: www.averlogic.com
April 5, 2002
(512, 1k ,2k,
4k, 8k) x9
Memory
Array
Input
Buffer
Output
Buffer
Write Control
Logic
Read Control
Logic
Flag Logic
Write Pointer
Read Pointer
Offset
Regissers
Reset Logic
Input data bus
Output data bus
/OE
WCLK
/WEN1
/LD
/RS
RCLK
/REN1
/FF
/EF
/PAF
/PAE
AL4CS2x1 FIFO Block Diagram
WEN2
/REN2
The 9bit input and output ports operate
independently at a maximum speed of 133
MHz.
The built-in address decoder and
pointer
managing
circuits
provide
a
straightforward
bus
interface
to
serially
read/write memory that reduces inter-chip
design efforts. The AL4CS2x1 embedded
memory array and high performance process
technologies
with
extended
controller
functions (read skip, fixed and programmable
status flags.. etc.) offer flexible memory
management.
The input data is synchronous with a free-
running clock (WCLK), and input-enable pins
(/WEN1, /WEN2).
Data is written into the
FIFO on every clock when enable pins are
asserted. The output is synchronous with the
other free-running clock (RCLK) and enables
(/REN1, /REN2).
An Output Enable pin
(/OE) is provided at the read port for tri-state
control of the output port.
The FIFOs can
output two fixed flags, Empty Flag( /EF) and
Full Flag (/FF), and two programmable flags,
Almost-Empty
(/PAE)
and
Almost-Full
(/PAF). The offsets of the /PAE and /PAF
flags are loaded when Load pin (/LD) goes
low.
These chips are available as a 32-pin TQFP
and PLCC Package.
DISTRIBUTED BY:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com