Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4V95 Datasheet(PDF) 2 Page - AverLogic Technologies Inc

Part # AL4V95
Description  16K, 64K-Bit Line FIFO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL4V95 Datasheet(HTML) 2 Page - AverLogic Technologies Inc

  AL4V95 Datasheet HTML 1Page - AverLogic Technologies Inc AL4V95 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVERLOGIC TECHNOLOGIES, INC.
TEL
: 1 408 361-0400
e-mail: sales_usa@averlogic.com URL: www.averlogic.com
AVERLOGIC TECHNOLOGIES, CORP. TEL: 886 2-87523988 e-mail: sales@averlogic.com.tw URL: www.averlogic.com.tw
October 30, 2004
(2k, 8k) x9
Memory
Array
Input
Buffer
Output
Buffer
Write
Control
Logic
Read
Control
Logic
Timing & Logic
Control
Write Pointer
Read Pointer
Offset
Regissers
Input data bus
Output data bus
/OE
WCLK
/WEN
RCLK
/REN
AL4V9x FIFO Block Diagram
/WRST
/RRST
The 9-bit input and output ports operate
independently at
a
maximum
speed
of
100MHz. The built-in address decoder and
pointer
managing
circuits
provide
a
straightforward
bus
interface
to
serially
read/write memory that reduces inter-chip
design
efforts.
The
AL4V9x
embedded
memory array and high performance process
technologies
with
extended
controller
functions (read skip, fixed and programmable
status flags... etc.) offer flexible memory
management.
The input data is synchronous with a free-
running clock (WCLK), and input-enable pins
(/WEN). Data is written into the FIFO on
every clock when enable pins are asserted.
The output is synchronous with the other free-
running clock (RCLK) and enables (/REN).
An Output Enable pin (/OE) is provided at the
read port for tri-state control of the output port.
The AL4V9x series are operating in 3.3V
power supply with 5V signal tolerant input.
These chips are available as a 32-pin TQFP
Package.
DISTRIBUTED BY:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com