Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS339CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS339CS
Description  Quad Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS339CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS339CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS339CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS339CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS339CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS339CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS339CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS339
1-6
2003/12 rev. A
TS339
Quad Voltage Comparator
Supply Voltage Range -18 V to 18V
Quad Channel Comparator
General Description
The TS339 is quad independent precision voltage comparators capable of single-supply or split-supply operation. The
specifications as low as 2.0 mV make this device an excellent ground level with single-supply operation. Input
offset-voltage selection for many applications in consumer automotive, and It is designed to permit a common mode
range-to- industrial electronics.
The TS339 is offered in SOP-14 and DIP-14 package.
Features
Output voltage compatible with DTL, ECL, TTL,
MOS and CMOS Logic Levels
Low input bias current -25nA
Low input offset current -5.0nA
Low input offset voltage --5.0mV(max)
Input common mode range to ground level
Differential input voltage range equal to power
supply voltage
Ordering Information
Part No.
Operating Temp.
Package
TS339CD
DIP-14
TS339CS
0 ~ +70
oC
SOP-14
Pin Assignment
Schematic (each comparator)
DIP-14
SOP-14


Similar Part No. - TS339CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS339CS14RL TSC-TS339CS14RL Datasheet
218Kb / 7P
Low Power Low Offset Quad Comparators
More results

Similar Description - TS339CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
Quad voltage comparator
2001 Aug 03
LM139 PHILIPS-LM139 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
Quad Voltage Comparator
S339P AUK-S339P Datasheet
284Kb / 3P
Quad Voltage Comparator
logo
Taiwan Semiconductor Co...
TS2901 TSC-TS2901 Datasheet
133Kb / 6P
Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339 Datasheet
132Kb / 4P
QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
QUAD VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com