Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4558CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4558CS
Description  Dual General Purpose Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4558CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4558CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Rating
Supply Voltage
Vcc +
18
V
Supply Voltage
Vcc -
- 18
V
Differential Input Voltage
VIDR
±30
V
Input Voltage
Vin
30
V
Package Thermal Impedance
SOP-8
DIP-8
θja
97
85
oC/W
Operating Junction Temperature Range
TJ
0 ~ +70
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature 1.6mm(1/16”) from case for 10Sec.
TLEAD
260
oC
Note: Maximum ratings are those values beyond which damage to the device may occur, and functional operation should
be restricted to the recommended operating condition.
Recommended Operating Conditions
Supply Voltage
Vcc +
15
V
Supply Voltage
Vcc -
- 15
V
Electrical Characteristics
(VCC = ±15V, Ta =25
oC; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
Vio
Rs ≤ 10kΩ
--
0.5
±6
mV
Input Offset Current
Iio
--
20
±200
nA
Input Bias Current
Iib
--
150
500
nA
Input Resistance
Ri
0.3
5
--
MΩ
Unity Gain Bandwidth
B1
--
3
--
MHz
Large-Signal Voltage Gain
Av
RL ≥ 2kΩ, Vc = ±10V
20
300
--
V/mV
RL ≥ 10kΩ
±12
±14
--
Output Voltage Swing
Vom
RL ≥ 2kΩ
±10
±14
--
V
Input Common-Mode Voltage
Range
Vicr
±12
±13
--
V
Common-Mode Rejection Ratio
CMRR
Rs ≤ 10kΩ
70
90
--
dB
Supply Voltage Rejection Ratio
PSRR
Rs ≤ 10kΩ
--
30
150
uV/V
Slew Rate
SR
RL = 2kΩ, Vin=10V, L=100pF
0.8
1.6
--
V/uS
Supply Current
I
+
, I
-
--
2.5
5.6
mA
Power Consumption
Pc
RL = ∞
--
75
170
mV
Input Noise Voltage
Vn
Rs = 1kΩ, f = 30Hz~30KHz
--
--
3.5
uVrms
Source Current
Isource
- 20
--
--
mA
Sink Current
Isink
20
--
--
mA
Note 1: All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless
otherwise specified.
TS4558
2-5
2003/12 rev. B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com