Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5201CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS5201CS
Description  200mA Low Noise LDO Voltage Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5201CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5201CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5201CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5201CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5201CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5201CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5201CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS5201 series
1-6
2005/08 rev. B
TS5201
200mA Low Noise LDO Voltage Regulator with Enable
Low Power Consumption
Low Dropout Voltage 0.275V
Fixed and Adjustable Output
Enable Shutdown
General Description
The TS5201 series is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically
17mV at light loads and 165mV at 200mA), and very low power consumption (600uA at 100mA), providing high output
current even when the application requires very low dropout voltage. The Chip Enable (CE) includes a CMOS or TTL
compatible input allows the output to be turned off to prolong battery life. When shutdown, power consumption drops
nearly to zero.
The TS5201 series is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown, revered battery protection and a reference bypass pin to improve its already excellent low-noise
performance.
The TS5201 series is available in fixed and adjustable output voltage version in SOP-8 package.
Features
Ultra low noise output.
Output current up to 200mA
Low dropout voltage
Low power consumption
“Zero” off-mode current
Logic controlled electronic enable
Internal current limit and Thermal shutdown protection
Ordering Information
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 3.0V and 2.5V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Part No.
Operating Temp.
Package
TS5201CSxx
-40 ~ +125
oC
SOP-8
Applications
Cellular telephones
Palmtops, notebook computers
Battery powered equipment
Consumer and personal electronics
SMPS post regulator and DC to DC modules
High-efficiency linear power supplies
Typical Application Circuit
Fixed Application
Adjustable Application
Pin assignment
1. Output
5. Enable
2. ADJ / NC
6. NC
3. Ground
7. NC
4. NC
8. Input


Similar Part No. - TS5201CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5201CS TSC-TS5201CS Datasheet
270Kb / 6P
200mA Low Noise LDO Voltage Regulator with Enable
TS5201CSRF TSC-TS5201CSRF Datasheet
335Kb / 7P
200mA Low Noise LDO Voltage Regulator with Enable
More results

Similar Description - TS5201CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_1 Datasheet
270Kb / 6P
200mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215 Datasheet
174Kb / 7P
300mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
200mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_08 Datasheet
335Kb / 7P
200mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com