Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5201 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS5201
Description  200mA Low Noise LDO Voltage Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5201 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5201 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS5201 series
2-6
2005/08 rev. C
Absolute Maximum Rating (Note 1)
Input Supply Voltage
Vin
-20~ +20
V
Enable Input Voltage
Vce
-20~ +20
V
Power Dissipation (Note 2)
PD
Internal limited
Thermal Resistance
Өja
220
oC/W
Operating Junction Temperature Range
Tj
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Recommend Operating Rating (Note 3)
Input Supply Voltage
Vin
+2.5 ~ +16
V
Enable Input Voltage
Vce
0 ~ Vin
V
Electrical Characteristics
Vin=Vo+1V, Io=100uA, Cout=1uF, Vce
≥2V, Tj = 25 oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
Vin=Vo + 1V
0.99|Vo|
Vout
1.01|Vo|
V
Output Voltage Temp. Coefficient
(Note 4)
--
40
--
ppm/
oC
Line Regulation
Vo+1V ≤ Vin ≤ 16V
--
0.005
0.05
%/V
Load Regulation (Note 5)
0.1mA ≤ Io ≤ 200mA
--
0.02
0.2
%/V
Io=100uA
--
17
50
Io=50mA
--
110
150
Io=100mA
--
140
250
Dropout Voltage (Note 6)
Io=200mA
--
165
275
mV
Quiescent Current
Vin≤0.4V (shutdown)
Vin≤0.18V (shutdown)
--
--
0.01
--
1
5
uA
Io=100uA
--
80
125
Io=50mA
--
350
600
Io=100mA
--
600
1000
Ground Pin Current (Note 7)
Vce
≥2V
Io=200mA
--
1300
1900
uA
Output Current Limit
Vout=0V
--
300
500
mA
Power Supply Rejection Ratio
At f=100Hz, Io=100uA,
--
75
--
dB
Thermal Regulation (Note 8)
--
0.05
--
%/W
Output Noise
Io=50mA, Cout=2.2uF,
470pF from bypass to Ground
--
260
--
nV
Enable function
Enable Input Logic-Low Voltage
Regulation shutdown
--
--
0.4
V
Enable Input Logic-High Voltage
Regulation enable
2.0
--
--
V
VIL≤ 0.4V
--
0.01
-1
Enable Input Current
VIH≥ 2.0V
--
5
20
uA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com