Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5215CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS5215CS
Description  300mA Low Noise LDO Voltage Regulator with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5215CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS5215CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5215CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5215CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5215CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5215CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5215CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5215CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS5215 series
3-3
2006/01 rev. C
Electrical Characteristics (continued)
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The maximum allowable power dissipation at any Ta is Pd(max) = [ Tj(max) - Ta] + Өja. Exceeding the
maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into
thermal shutdown.
Note 3: The device is not guaranteed to function outside its operating rating.
Note 4: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested
for load regulation in the load range from 1mA to 300mA. Changes in output voltage due to heating effects
are covered by the thermal regulation specification.
Note 6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 7: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.
Note 8: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation
is applied, excluding load or line regulation effects. Specifications are for a 300mA load pulse at Vin=16V for
t=10mS.
Block Diagrams
Vout(max) < 8V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com