Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3300A Datasheet(PDF) 21 Page - Micronas

Part # DDP3300A
Description  Single-Chip Display and Deflection Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3300A Datasheet(HTML) 21 Page - Micronas

Back Button DDP3300A Datasheet HTML 17Page - Micronas DDP3300A Datasheet HTML 18Page - Micronas DDP3300A Datasheet HTML 19Page - Micronas DDP3300A Datasheet HTML 20Page - Micronas DDP3300A Datasheet HTML 21Page - Micronas DDP3300A Datasheet HTML 22Page - Micronas DDP3300A Datasheet HTML 23Page - Micronas DDP3300A Datasheet HTML 24Page - Micronas DDP3300A Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
PRELIMINARY DATA SHEET
DDP 3300 A
MICRONAS INTERMETALL
21
locked clock from the horizontal PLL is performed by the
CCU.
VSTBY
VSUPD
∼50 µs
normal
mode
standby
mode
Internal
Reset
internal
oszillator
CLK5
5 MHz Clock
Clock
Release
HOUT
Fig. 2–20: DDP power on, standby on/off
∼4 µs
normal
mode
2.4.3. DDP Standby On/Off
Switching the DDP to Standby Mode is more critical be-
cause of the HOUT output signal. Before the standby
mode is entered, the clock source for the horizontal out-
put generator has to be switched to the standby clock.
Switching to Standby Mode can be done by the CCU as
a reaction to a remote control command (see register 53,
EHPLL
+ disable) or by the internal voltage supervision
of the DDP. This voltage supervision activates the Power
Down signal when the supply for the digital circuits
(VSUPD) goes below VSUPD–pd (X4.5 V). The Power
Down signal switches the clock source for the HOUT
generation to the standby clock and sets the duty factor
to 50%. This is exactly what the EHPLL bit does.
Because the clocks from the DDP–pll and the standby
clock are not in phase, the actual phase (High/Low) of
the HOUT signal may be up to one pll or standby clock
(
X1 µs) longer than a regular one when the clock source
is changed.
The voltage supervising reacts if VSUPD goes below
VSUPD–pd for more than 50 ns. This Power Down signal
is extended by 50
µs after VSUPD is back again.
When switched off, the negative slope of the supply
voltage VSUPD should not be larger than approximately
0.2 V/
µs (see Recommended Operating Conditions).
RESETQ
POR
UPDATE
4
µs
60
µs
Fig. 2–21: External RESET
2.4.4. Reset DDP
Reset of most functions (exception see below) is per-
formed by different sources:
– power on circuit (VSTBY, VSUPD)
– reset pin (DDP)
voltage
superv.
5 MHz clock
release clock
VSTBY
Reset Pin
voltage
superv.
VSUPD
Reset
CLK5
CLK5
observer
(to HOUT gen)
Fig. 2–22: DDP reset generation
If one of these sources creates a reset, all the internal
registers and counters are set to zero. When this reset
source becomes inactive, the internal reset is still active
for 4
µs. After that time all the internal registers are
loaded with the values defined in the defaults ROM. All
the registers which are updated with the vertical sync
(chain registers) get these values with the next vertical
sync. During this initialization procedure (approx. 60
µs)
it is not possible to access the DDP via the I2C-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com